データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3911DV データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI3911DV
部品情報  Dual P-Channel 20-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3911DV データシート(HTML) 2 Page - Vishay Siliconix

  SI3911DV Datasheet HTML 1Page - Vishay Siliconix SI3911DV Datasheet HTML 2Page - Vishay Siliconix SI3911DV Datasheet HTML 3Page - Vishay Siliconix SI3911DV Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si3911DV
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71380
S-20275—Rev. B, 18-Mar-02
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
–0.45
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "8 V
"100
nA
VDS = –16 V, VGS = 0 V
–1
m
Zero Gate Voltage Drain Current
IDSS
VDS = –16 V, VGS = 0 V, TJ = 85_C
–10
mA
On-State Drain Currenta
ID(on)
VDS = –5 V, VGS = –4.5 V
–5
A
VGS = –4.5 V, ID = –2.2 A
0.115
0.145
Drain-Source On-State Resistancea
rDS(on)
VGS = –2.5 V, ID = –1.8 A
0.163
0.200
W
DS(on)
VGS = –1.8 V, ID = –1.0 A
0.240
0.300
Forward Transconductancea
gfs
VDS = –5 V, ID = –2.2 A
5
S
Diode Forward Voltagea
VSD
IS = –1.05 A, VGS = 0 V
–0.8
–1.1
V
Dynamicb
Total Gate Charge
Qg
5
7.5
Gate-Source Charge
Qgs
VDS = –10 V, VGS = –4.5 V, ID = –2.2 A
1
nC
Gate-Drain Charge
Qgd
0.9
Turn-On Delay Time
td(on)
12
20
Rise Time
tr
VDD = –4 V, RL = 8 W
29
50
Turn-Off Delay Time
td(off)
VDD = –4 V, RL = 8 W
ID ^ –1 A, VGEN = –4.5 V, RG = 6 W
24
45
ns
Fall Time
tf
30
50
Source-Drain Reverse Recovery Time
trr
IF = –1.05 A, di/dt = 100 A/ms
20
40
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
012345
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Output Characteristics
Transfer Characteristics
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
VGS = 4.5 thru 2.5 V
2 V
TC = –55_C
125
_C
1.5 V
25
_C


同様の部品番号 - SI3911DV

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
109Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI3911DV-T1-GE3 VBSEMI-SI3911DV-T1-GE3 Datasheet
1Mb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV_V01 Datasheet
109Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI3911DV

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 13-Jun-05
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 04-Aug-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 09-Mar-09
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Jun-08
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. B, 02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
   Dual P-Channel 20 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. C, 29-Mar-04
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
   Dual P-Channel 20-V (D-S) MOSFET
Rev. A, 14-May-07
logo
VBsemi Electronics Co.,...
VBKB4265 VBSEMI-VBKB4265 Datasheet
380Kb / 6P
   Dual P-Channel 20-V (D-S) MOSFET
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
   Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com