データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2542 データシート(PDF) 1 Page - Pulse A Technitrol Company

部品番号 2542
部品情報  SWITCH-MODE TRANSFORMER GUIDE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

2542 データシート(HTML) 1 Page - Pulse A Technitrol Company

  2542 Datasheet HTML 1Page - Pulse A Technitrol Company 2542 Datasheet HTML 2Page - Pulse A Technitrol Company 2542 Datasheet HTML 3Page - Pulse A Technitrol Company 2542 Datasheet HTML 4Page - Pulse A Technitrol Company 2542 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
46
www.pulseeng.com
G003.U (2/07)
Pulse offers a complete range of Switch-Mode Transformers in various technologies (slot, layer and triple insulation wire) used for power
supplies in television, set-top boxes, satellite receivers, DVD players, telephone chargers, and white goods. Pulse also offers a new range
of specific magnetics for LCD TV power supplies and inverters to meet the growing, worldwide demand for flat-screen televisions.
These innovative, components are manufactured in state-of-the-art, modern facilities. Switch-Mode Transformers, as well as new LCD
components are produced in one of four different factories in China, depending on the technology.
The products mentioned in this section serve as an overview of Pulse’s Consumer magnetics product line. For more information about
Consumer products, contact Pulse Consumer Division Applications Engineering via e-mail at
consumer@pulseeng.com.
SWITCH-MODE TRANSFORMER GUIDE BY TECHNOLOGY
Series
Ferrite
Pins
Technology
Pin Spacing
Pitch
Power Input
Application
(Part Number)
(mm)
(mm)
@ 50 kHz (W)
2182
E30/15/7
3 + 3
Slot
16.5
7.5
30
PFC (dynamic focus transformer)
2414
ETD29X16X10
7 + 7
Slot
17.5
5
40
14"-15" CTV 90° and satellite receiver
2444
ETD29X15X10
9 + 9
Slot
20
4
40
14"-15" CTV 90° DVD and satellite receiver
2464
ETD29X11X10
7 + 7
Slot
17.5
5
40
DVD, digital/analog satellite receiver
2074
ETD34X13X11
7 + 7
Slot
27.5
5
40
14"-15" CTV 90° and satellite receiver
2074.5
ETD34X17X11
7 + 7
Slot
27.5
5
60
14"-15" CTV 90°
2084
ETD39X17X13
8 + 8
Slot
27.5
5
90
17"-20" CTV 90°
2094
ER48X18X18
9 + 9
Slot
27.5
5
190
25"-29" CTV 110°
2344
ER54X20X18
11 +11
Slot
27.5
5
250
High-end CTV 110°
2354
E42X21X15
9 + 9
Slot
27.5
5
130
High-end CTV 110°
2502
ER28X17X11 (VERTICAL)
9 + 9
Layer
20
4
40
14"- 90° color TV
2502.5
ER28X17X11 (HORIZONTAL)
6 + 6
Layer
20
4
40
Set-top Box
2512
ER35X21X11
6 + 6
Layer
22.5
5
60
14"÷21" - 90°
2522
ER39X23X13
8 + 8
Layer
24.8
5
90
17"÷21" - 90°
2532
ER42X23X15
7 + 7
Layer
25.2
5
120
110° Color TV
2542
ER49X25X16
9 + 9
Layer
27.5
5
200
25"÷29" 110° Color TV
2552
ER53X23X21
9 + 9
Layer
32
5
250
28"÷34" 110° Color TV
2562
ETD34X17X11
7 + 7
Layer
25.2
5
70
14"-15" CTV 90°
2102
ER48X22X21
11 +11
Layer
27.5
5
300
25"-29" CTV 110°
2722
PQ32/20
6 + 6
Layer
30,5
5
90
LCD TV 26"
2732
PQ32/30
6 + 6
Layer
30.5
5
170
LCD TV 26"-32"
2742
PQ40/40
6 + 6
Layer
38.1
5,08/
350
LCD TV 37"-42"
15,24
2432
E13X7X4
4 + 4
TIW
18.5
5
4
Battery chargers
2182.5
E30/15/7
6 + 6
TIW
25
5
30
LCD 22"
2252
ETD29X11X10
9 + 9
TIW
20
4
30
Satellite receiver
2262
E16X8X5
4 + 4
TIW
15
3.75
8
Battery chargers, stand-by circuits, white goods
2262.5
E16X8X5
5 + 4
TIW
15
3.75
8
Battery chargers, stand-by circuits, white goods
2362
E20X10X6
4 + 4
TIW
16.25
5
18
Battery chargers, stand-by circuits, Set-top Box
2361
E20X10X6
4 + 4
TIW
16.25
5
18
Not mains insulated SMT
2362.3
E20X10X6
5 + 5
TIW
15
3.75
18
Battery chargers, stand-by circuits, Set-top Box
2362.5
E20X10X6
5 + 5
TIW
20
5
18
Battery chargers, stand-by circuits, Set-top Box
2362.7
E20/10/6
5 + 5
TIW
16.25
3.81
18
Set-top Box, White goods
2452
E25X13X7
5 + 5
TIW
20.32
5
25
DVD, satellite receiver
2452.7
E25X13X7
5 + 5
TIW
20.32
5
25
DVD, satellite receiver for slim version
2472
E25X16X6
7 + 7
TIW
27
4
30
DVD, satellite receiver for slim version
For more information, contact Pulse Consumer Division Applications Engineering via e-mail at: consumer@pulseeng.com.
CONSUMER PRODUCTS
Consumer Products


同様の部品番号 - 2542

メーカー部品番号データシート部品情報
logo
Shenzhen Tuofeng Semico...
2542 TUOFENG-2542 Datasheet
5Mb / 5P
   Dual N-Channel MOSFET
Mar,2020 V1.0
logo
Littelfuse
254201 LITTELFUSE-254201 Datasheet
102Kb / 1P
   Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
logo
SUYIN USA, INC.
254201MR SUYIN-USA-254201MR Datasheet
247Kb / 1P
   2.54mm PITCH CENTER SINGLE ROW PIN WAFER BREAKABLE Right Angle Type
254201MS SUYIN-USA-254201MS Datasheet
256Kb / 1P
   2.54mm PITCH CENTER SINGLE PIN WAFER BREAKABLE S/T DIP TYPE
logo
Littelfuse
254202 LITTELFUSE-254202 Datasheet
102Kb / 1P
   Fuse Blocks and Clips - For NANO2 Surface Mount Fuses
More results

同様の説明 - 2542

メーカー部品番号データシート部品情報
logo
Rhombus Industries Inc.
T-1307 RHOMBUS-IND-T-1307_1 Datasheet
39Kb / 1P
   SWITCH MODE TRANSFORMER
logo
Allied Components Inter...
AEE13-3740 ALLIED-AEE13-3740 Datasheet
536Kb / 2P
   Switch Mode Transformer
logo
Rhombus Industries Inc.
T-693 RHOMBUS-IND-T-693 Datasheet
37Kb / 1P
   SWITCH MODE TRANSFORMER
T-1037 RHOMBUS-IND-T-1037 Datasheet
38Kb / 1P
   SWITCH MODE TRANSFORMER
logo
Pulse A Technitrol Comp...
PH0256NL PULSE-PH0256NL Datasheet
621Kb / 4P
   Switch Mode Transformer for AC/DC offline Applications
logo
List of Unclassifed Man...
ZMPT101B ETC2-ZMPT101B Datasheet
117Kb / 4P
   ZMPT101B(ZMPT107) voltage transformer operating guide
logo
Coilcraft lnc.
RA6999 COILCRAFT-RA6999_14 Datasheet
187Kb / 1P
   Forward Mode Transformer
logo
Honeywell Accelerometer...
ZM10B70E01 HONEYWELL-ACC-ZM10B70E01 Datasheet
356Kb / 7P
   MICRO SWITCH Basic Switches Line Guide
logo
Honeywell Solid State E...
3SX1-T HONEYWELL-3SX1-T Datasheet
356Kb / 7P
   MICRO SWITCH??Basic Switches Line Guide
logo
Microchip Technology
RN4677 MICROCHIP-RN4677 Datasheet
464Kb / 31P
   Bluetooth 4.0 Dual Mode Module Users Guide
01/27/15
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com