データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX2047 データシート(PDF) 1 Page - Pulse A Technitrol Company

部品番号 CX2047
部品情報  BROADBAND: RF & WIRELESS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PULSE [Pulse A Technitrol Company]
ホームページ  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

CX2047 データシート(HTML) 1 Page - Pulse A Technitrol Company

  CX2047 Datasheet HTML 1Page - Pulse A Technitrol Company CX2047 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G003.U (2/07)
www.pulseeng.com
7
BROADBAND: RF & WIRELESS
* Length and width are MAX package dimensions. Height includes the wash area.
Pulse offers a comprehensive line of RF magnetic components for use in wireless and RF applications,
including mobile communications, cable television, hybrid fiber/coax (HFC) equipment, cable modems,
set-top boxes, and home networking. The components are also used in RF medical
and industrial equipment.
Platforms include wirewound chip inductors, transformers/baluns, low-pass filters,
diplex filters, directional couplers and RF splitter/combiners. These surface mount
and through hole components have minimal insertion loss and excellent return loss
to ease the development and manufacturing of today’s RF network equipment.
RF, HFC & CATV APPLICATIONS
FIBRE CHANNEL (SAN)
Low Pass Filters
Directional Couplers
RF Splitter/Combiners: 2-Way, 0°
Dual Serial Data Interface Transformers
Common Mode Choke
Diplex Filters
IEEE 1394
B5004
75
Ω
5-42
1.0
18.0
B907
B5005
75
Ω
5-65
1.0
17.5
B907
C5001
150
Ω
1-50
1.2
15.0
C209
C5003
150
Ω
1-80
1.2
15.0
C209
C5005
75
Ω
1-59.5
1.0
15.0
C209
CX5013
75
Ω
1-65
1.5
15.0
C209
C5002
50
Ω
1-49
1.0
16.0
C208
Part
In/Out
Passband
Insertion Loss
Return Loss
Data
Number
Impedance
(MHz)
(dB MAX)
(dB MIN)
Sheet
CX6006L
5-65 / 85-870
<1.2
16 or better
C213
CX6006
5-65 / 85-870
<1.2
18 or better
C213
CX6008
5-65 / 85-864
1.0 TYP
14 / 9
1
C216
C6026
3
5-44 / 58-860
<1.5
12 or better
C236
CX6026
5-44 / 58-860
<1.5
12 or better
C236
C6039
5-860 / 975-1525
<2.0
10 or better
C250
CX6007
5-42 / 88-864
<1.0
14 or better
C211
C6035
3
5-42 / 88-860
<1.5
12 or better
C236
CX6002
5-42 / 54-864
<1.5
14 / 9
1
C230
CX6020
2
5-42 / 54-864
<1.5
14 / 9
1
C230
C6001
5-42 / 52-870
<1.0
20 or better
C204
C6001L
4
5-42 / 52-870
<1.0
20 or better
C204
SF9023
5-42 / 52-750
<1.5
18 or better
C202
C6036NL
3, 5
10-55 / 90-770
<1.5
12 or better
C236
C6086NL
3, 5
5-65 / 108-860
<1.5
12 or better
C236
1. Low Pass Port / High Pass Port
3. Coaxial F-connector integrated
2. Leadless
4. L = Low cost
5. NL = Lead-free
Part
Frequency
1
Insertion Loss
Return Loss
Data
Number
(MHz)
(dB)
(dB)
Sheet
A5807
5-900
75
10.0
1.1
A102
A5808
5-900
75
7.5
1.6
A102
A5809
5-900
75
12.0
0.9
A102
A5816
5-900
75
16.0
0.8
A102
A5908
5-900
75
7.5
1.6
A102
A5910
5-900
75
10.0
1.1
A102
A5912
5-900
75
12.0
0.9
A102
A5916
5-900
75
16.0
0.8
A102
C3027
5-900
75
16.0
0.6
C207
C3108
5-900
75
7.5
1.6
C243
CX3039
5-1000
75
20.0
0.5
C221
CX3042
5-1000
75
6
1.76
C243
CX3099
10-1000
50
16.0
0.8
C234
Part
Frequency
Z
Coupling Nom.
Mainline Loss
Data
Number
(MHz)
(
Ω)
(dB ± 0.5)
(dB TYP)
Sheet
Part
Frequency
Isolation
Return Loss
Insertion Loss
Data
Number
(MHz)
(dB TYP)
(TYP)
(dB TYP)
Sheet
A1801
2
3
.290 / .240 / .150
A104
Part
No. of
Inductance
Package
Data
Number
Lines
OCL (µH MIN)
L/W/H (in.)
*
Sheet
A6801
1CT:1CT
16-pin SOIC
.500 / .295 / .220
A100
A6802
1:1
16-pin SOIC
.500 / .295 / .220
A100
PE-65507
1:1
16-pin SOIC
.500 / .270 / .220
A101
PE-65508
1:1
16-pin SOIC
.500 / .270 / .220
A101
1. SOIC = 50 mil pitch lead spacing
Part
Turns
Package
Data
Number
Ratio
Style 1
L/W/H (in.)
*
Sheet
THT - Through Hole Package SMT - Surface Mount Package
Broadband: RF & Wireless
C4020
1
96-864
25
9
1.7
C222
CX4004
5-65
40
30
0.22
C212
CX4004L
2
5-65
40
30
0.22
C212
CX4005
5-250
24
27
0.45
C226
C4006
5-1000
27
24
0.48
C223
CX4011
5-1000
25
26
0.65
C218
C4036
5-1000
25
31
0.48
C241
CX4012L
2
5-1000
20
16
0.65
C220
CX4024
5-1000
30
30
0.8
C220
CX4012
40-1000
27
22
0.65
C220
1. Differential splitter/combiner
2. L = Low cost


同様の部品番号 - CX2047

メーカー部品番号データシート部品情報
logo
Skyworks Solutions Inc.
CX20470 SKYWORKS-CX20470 Datasheet
211Kb / 18P
   CDMA Baseband Analog Processor
logo
Pulse A Technitrol Comp...
CX2047LANL PULSE-CX2047LANL Datasheet
146Kb / 2P
   Balun Transformer
CX2047LNL PULSE-CX2047LNL Datasheet
316Kb / 3P
   RF TRANSFORMERS Transformers for Wideband RF Applications
CX2047LNL PULSE-CX2047LNL Datasheet
116Kb / 1P
   RF TRANSFORMER, 1:4CT
More results

同様の説明 - CX2047

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837 Datasheet
314Kb / 18P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Rev 1; 11/08
MAX2838 MAXIM-MAX2838 Datasheet
606Kb / 22P
   3.3GHz to 3.9GHz Wireless Broadband RF Transceiver
Rev 1; 8/08
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
MAX2839AS MAXIM-MAX2839AS Datasheet
1Mb / 39P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 5/10
MAX2839 MAXIM-MAX2839 Datasheet
896Kb / 26P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 3/08
logo
Z-Communications, Inc
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
   Wireless broadband access
logo
M/A-COM Technology Solu...
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
AM-131-PIN MA-COM-AM-131-PIN_15 Datasheet
502Kb / 3P
   Broadband RF Amplifier
logo
Oscilent Corporation
803-RF448.0M-D OSCILENT-803-RF448.0M-D_14 Datasheet
147Kb / 4P
   Wireless, RF Filter
logo
Microtune,Inc
MT1550 MICROTUNE-MT1550 Datasheet
82Kb / 2P
   RF SILICON AND SYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS, AUTOMOTIVE ELECTRONICS AND WIRELESS CONNECTIVITY
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com