データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI9730CBY-T1 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI9730CBY-T1
部品情報  Dual-Cell Lithium Ion Battery Control IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9730CBY-T1 データシート(HTML) 2 Page - Vishay Siliconix

  SI9730CBY-T1 Datasheet HTML 1Page - Vishay Siliconix SI9730CBY-T1 Datasheet HTML 2Page - Vishay Siliconix SI9730CBY-T1 Datasheet HTML 3Page - Vishay Siliconix SI9730CBY-T1 Datasheet HTML 4Page - Vishay Siliconix SI9730CBY-T1 Datasheet HTML 5Page - Vishay Siliconix SI9730CBY-T1 Datasheet HTML 6Page - Vishay Siliconix SI9730CBY-T1 Datasheet HTML 7Page - Vishay Siliconix SI9730CBY-T1 Datasheet HTML 8Page - Vishay Siliconix SI9730CBY-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Si9730
Vishay Siliconix
www.vishay.com
2
Document Number: 70658
S-40135—Rev. F, 16-Feb-04
ABSOLUTE MAXIMUM RATINGS
VM
VDD −15 V to VDD +15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VDD
VSS −0.3 V to VSS +12 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VC
VSS −0.3 V to VDD +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IS
(VSS w VM)VM −0.3 V to VDD +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
(VM w VSS )VSS −0.3 V to VDD +0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Operating Junction Temperature
125_C
. . . . . . . . . . . . . . . . . . . . . .
Power Dissipation
200 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Impedance (PQJA)80_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−55 to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE
CVC t10 pF from VC toVDD andVSS , Total
CD
Open to 1.0 mF
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
RIS series resistance to sense resistor
t27 kW
. . . . . . . . . . . . . . . . . . . . . . . .
DCO Load Capacitance
0 to 2000 pF
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VDD to VSS
9 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VDD to VM
12 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−25 to 85_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
SPECIFICATIONS
Test Condition
Limits
TA = −25 to 85_C
Parameter
Symbol
Test Condition
Unless Otherwise Specified
Mina
Typb
Maxa
Unit
Power Supply
Supply Current, Charging Operation
IDD_C
VC1 = VC2 = 2.6 V, VDD − VM = 8.4 V
60
Supply Current Normal Operation
IDD
VC1 = VC2 = 4.05 V, VM = VSS
30
mA
Supply Current, Normal Operation
IDD_UVL
VM = VDD,VC1 = VC2 = 1.7 V
1
mA
Undervoltage Lockout Threshold
VUVL
Measured at VDD − VSS (Falling)
VC1 = VC2, VDD − VM = 5.5 V
3.5
3.7
4.0
V
VM Leakage Current
IVM_UVL
VC1 = VC2 = 1.7 V, VDD = VM
1
mA
VM Operating Current
IVM
VC1 = VC2 = 2.6 V, VDD − VM = 8.4 V
30
mA
Control Logic
DCO Output High Voltage
VOH
IOH = −10 mA, VC1 = VC2 = 3.3 V
VDD − VM = 6.6 V
VDD − 0.1
V
DCO Rise Time (10% to 80%)
tr
VC1 = 2 V, VC2 = 2.4 V
7.5
ms
DCO Fall Time (80% to 10%)
tf
VC1 = 2 V, VC2 = 2.4 V
VDD − VM = 8.4 V CL = 500 pF, DCO to VSS
1
ms
DCO Output Low Voltage
VOL
IOL = 10 mA
VM = VDD
VC1 = 2 V, VC2 = 2.4 V
VSS +0.4
V
DCO Output Low Voltage
VOL
IOL = 10 mA
VM= VSS
VC1 = VC2 = 4.4 V, IS = VDD
VM +0.52
V
Analog Section
Current-Limit Comparator Trip Point
VILIMIT
VC1 = VC2 =4.05 V, VM = VSS + 0.25 V
IS Rising, TA = 25_C
25.5
28
32
mV
Current-Limit
Comparator Temperature Coefficient
dVILIMIT/dT
0.18
%/_C
Current-Limit
Comparator Response Time
tILIMIT
VC1 = VC2 =3.3 V, VM = VSS + 0.25 V
CL = 50 pF, DCO to VSS, See Figure 2
25
ms
Current Limit Comparator
Input Bias Current
IIS
VC1 = VC2 =3.3 V, VDD = VM, VIS = VSS
−125
nA


同様の部品番号 - SI9730CBY-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI9730 VISHAY-SI9730 Datasheet
194Kb / 15P
   Dual-Cell Lithium Ion Battery Control IC
01-Jan-2022
SI9730 VISHAY-SI9730_V01 Datasheet
194Kb / 15P
   Dual-Cell Lithium Ion Battery Control IC
01-Jan-2022
More results

同様の説明 - SI9730CBY-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI9730 VISHAY-SI9730_V01 Datasheet
194Kb / 15P
   Dual-Cell Lithium Ion Battery Control IC
01-Jan-2022
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
logo
Mitsumi Electronics, Co...
MM3358 MITSUMI-MM3358 Datasheet
187Kb / 27P
   Lithium-Ion Battery Charge Control IC
logo
Renesas Technology Corp
R2A20050ANS RENESAS-R2A20050ANS_15 Datasheet
301Kb / 14P
   Lithium-ion battery charger control IC
M62242FP RENESAS-M62242FP Datasheet
126Kb / 9P
   Lithium-Ion Battery Charger Control IC
logo
Mitsumi Electronics, Co...
MM3458 MITSUMI-MM3458 Datasheet
210Kb / 29P
   Lithium-ion battery charge control IC
MM3439 MITSUMI-MM3439 Datasheet
161Kb / 27P
   Lithium-Ion Battery Charge Control IC
logo
Mitsubishi Electric Sem...
M62253FP MITSUBISHI-M62253FP Datasheet
62Kb / 5P
   LITHIUM ION BATTERY CHARGER CONTROL IC
logo
Mitsumi Electronics, Co...
MM3635 MITSUMI-MM3635 Datasheet
168Kb / 25P
   Lithium-ion battery charge control IC
MM8013 MITSUMI-MM8013 Datasheet
46Kb / 3P
   Lithium-ion battery charge control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com