データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL2101C データシート(PDF) 6 Page - Zarlink Semiconductor Inc

部品番号 SL2101C
部品情報  Synthesized Broadband Converter with Programmable Power
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZARLINK [Zarlink Semiconductor Inc]
ホームページ  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL2101C データシート(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button SL2101C Datasheet HTML 2Page - Zarlink Semiconductor Inc SL2101C Datasheet HTML 3Page - Zarlink Semiconductor Inc SL2101C Datasheet HTML 4Page - Zarlink Semiconductor Inc SL2101C Datasheet HTML 5Page - Zarlink Semiconductor Inc SL2101C Datasheet HTML 6Page - Zarlink Semiconductor Inc SL2101C Datasheet HTML 7Page - Zarlink Semiconductor Inc SL2101C Datasheet HTML 8Page - Zarlink Semiconductor Inc SL2101C Datasheet HTML 9Page - Zarlink Semiconductor Inc SL2101C Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SL2101
Data Sheet
6
Zarlink Semiconductor Inc.
Programmable Features
Synthesizer programmable divider
Function as described above
Reference programmable divider
Function as described above.
Charge pump current
The charge pump current can be programmed by bits C1 & C0 within
data byte 4, as defined in Figure 29.
Power setting
The device power and hence signal handling can be programmed by
bits I2 - I0 within data byte 5, as defined in Figure 7.
In all power settings the synthesizer remains enabled to facilitate rapid
PLL lock reacquisition
Test mode
The test modes are defined by bits T2 - T0 as described in Figure 26.
General purpose ports, P0
The general purpose port can be programmed by bits P0;
Logic '1' = on
Logic '0' = off (high impedance) - this is the default state at device power
on
Buffered crystal reference output, BUFREFThe buffered crystal reference frequency can be switched to the
BUFREF output by bit RE as described in Figure 27. The BUFREF
output defaults to the 'ON' condition at device power up. This output is
only available on the SSOP package.
Figure 4 - Nominal Output Load as Upconverter into Differential SAWF
15
14
10nH
10nH
Vcc
SL2101
OUTPUT
OUTPUTB
200
200
SAWF
33
33


同様の部品番号 - SL2101C

メーカー部品番号データシート部品情報
logo
Galaxy Semi-Conductor H...
SL210 BILIN-SL210 Datasheet
64Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Yangzhou yangjie electr...
SL210 YANGJIE-SL210 Datasheet
150Kb / 2P
   Schottky Rectifier
logo
Galaxy Semi-Conductor H...
SL210 BILIN-SL210 Datasheet
599Kb / 4P
   Schottky Barrier Rectifiers
logo
RFE international
SL210 RFE-SL210 Datasheet
2Mb / 3P
   Surface Mount Schottky Rectifiers
11-04-2022
logo
Sangdest Microelectroni...
SL210A SMC-SL210A Datasheet
172Kb / 6P
   SCHOTTKY RECTIFIER
More results

同様の説明 - SL2101C

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430_10 Datasheet
249Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
October, 2010 ??Rev. 13
NBC12439 ONSEMI-NBC12439_09 Datasheet
257Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 14
NBC12429 ONSEMI-NBC12429_07 Datasheet
353Kb / 21P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12439 ONSEMI-NBC12439_07 Datasheet
348Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
February, 2007 -- Rev. 10
NBC12429 ONSEMI-NBC12429 Datasheet
139Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2003 - Rev. 2
NBC12429 ONSEMI-NBC12429_09 Datasheet
278Kb / 22P
   3.3V/5V Programmable PLL Synthesized Clock Generator
January, 2009 ??Rev. 13
NBC12430 ONSEMI-NBC12430_06 Datasheet
238Kb / 20P
   3.3V/5V Programmable PLL Synthesized Clock Generator
November, 2006 ??Rev. 9
logo
Eutech Microelectronics...
EUP3286 EUTECH-EUP3286 Datasheet
95Kb / 1P
   Converter with Programmable Frequency
logo
ON Semiconductor
NBC12439 ONSEMI-NBC12439 Datasheet
143Kb / 20P
   3.3 V/5 V Programmable PLL Synthesized Clock Generator
May, 2003 - Rev. 2
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
   Synthesized Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com