データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIUA81-T00-1 データシート(PDF) 1 Page - Vitec Power

部品番号 SIUA81-T00-1
部品情報  80W U-Bracket Power Supply for Industrial Equipment
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  Vitec [Vitec Power]
ホームページ  http://www.vitecpower.com/
Logo Vitec - Vitec Power

SIUA81-T00-1 データシート(HTML) 1 Page - Vitec Power

  SIUA81-T00-1 Datasheet HTML 1Page - Vitec Power SIUA81-T00-1 Datasheet HTML 2Page - Vitec Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIUA81 SERIES
80W U-Bracket Power Supply for Industrial Equipment
Wide Input Voltage90 to 260 VAC, 47 to 63Hz
Dual to Triple Output
Output voltage available from 3.3 to 24 VDC
Input Surge Current and Overload protection
Class I Insulation
Operating temperature -20~70°C
Active Power Factor Correction
Input connector mates with Molex housing 09-50-3031 and Molex 2478 series crimp terminal
Output connector mates with Molex housing 09-50-3131 and Molex 2478 series crimp terminal
Size: 3.2"x5"x1.38"
3 Year Warranty
Approvals:
Multi Output
Product Number
Output #1
Output #2
Output #3
Maximum Output Power
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
Vonom
Iomin
Iomax
Regmax
SIUA81-D00
+3.3V
1.2A
12A
7%
+12V
0.5A
5A
5%
80W
SIUA81-D01
+5V
1.2A
12A
5%
+12V
0.5A
5A
5%
80W
SIUA81-D02
+5V
1.2A
12A
5%
+15V
0.5A
5A
5%
80W
SIUA81-D03
+5V
1.2A
12A
5%
+24V
0.3A
3A
5%
80W
SIUA81-D04
+3.3V
1.2A
12A
7%
+5V
0.5A
5A
5%
64.6W
SIUA81-D15
+5V
1.2A
12A
5%
-24V
0A
2A
5%
80W
SIUA81-T00
+3.3V
1.2A
12A
7%
+12V
0.5A
5A
5%
-12V
0A
0.8A
5%
80W
SIUA81-T00-1
+3.3V
1.2A
12A
7%
+12V
0.5A
5A
5%
+12V
0A
0.8A
5%
80W
SIUA81-T01
+5V
1.2A
12A
5%
+12V
0.5A
5A
5%
-5V
0A
0.8A
5%
80W
SIUA81-T01-1
+5V
1.2A
12A
5%
+12V
0.5A
5A
5%
+5V
0A
0.8A
5%
80W
SIUA81-T02
+5V
1.2A
12A
5%
+12V
0.5A
5A
5%
-12V
0A
0.8A
5%
80W
SIUA81-T02-1
+5V
1.2A
12A
5%
+12V
0.5A
5A
5%
+12V
0A
0.8A
5%
80W
SIUA81-T03
+5V
1.2A
12A
5%
+15V
0.5A
5A
5%
-15V
0A
0.8A
5%
80W
SIUA81-T03-1
+5V
1.2A
12A
5%
+15V
0.5A
5A
5%
+15V
0A
0.8A
5%
80W
SIUA81-T04
+5V
1.2A
12A
5%
+24V
0.3A
3A
5%
-24V
0A
0.8A
5%
80W
SIUA81-T04-1
+5V
1.2A
12A
5%
+24V
0.3A
3A
5%
+24V
0A
0.8A
5%
80W
SIUA81-T05
+5V
1.2A
12A
5%
+24V
0.3A
3A
5%
-12V
0A
0.8A
5%
80W
SIUA81-T05-1
+5V
1.2A
12A
5%
+24V
0.3A
3A
5%
+12V
0A
0.8A
5%
80W
SIUA81-T06
+3.3V
1.2A
12A
7%
+12V
0.5A
5A
5%
-5V
0A
0.8A
5%
80W
SIUA81-T06-1
+3.3V
1.2A
12A
7%
+12V
0.5A
5A
5%
+5V
0A
0.8A
5%
80W
SIUA81-T07
+5V
1.2A
12A
5%
+10V
0.5A
5A
5%
-10V
0A
1.0A
5%
80W
SIUA81-T07-1
+5V
1.2A
12A
5%
+10V
0.5A
5A
5%
+10V
0A
1.0A
5%
80W
SIUA81-T08
+3.3V
1.2A
12A
7%
+5V
0.5A
5A
5%
-12V
0A
1.0A
5%
76.6W
SIUA81-T08-1
+3.3V
1.2A
12A
7%
+5V
0.5A
5A
5%
-12V
0A
1.0A
5%
76.6W
Electrical Characteristics
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
Operating Voltage
90
260
VAC
Input Frequency
47
63
Hz
Power Factor Correction
Io = Full load, Vin = 90-260VAC
0.95
0.91
1.0
Output Power Range
Vin=90 to 264VAC
0
80
W
Input Current (Low Line)
Io=Full load, Vin=115VAC
2.0
A
Input Current (High Line)
Io=Full load, Vin=230VAC
1.0
A
Low Line Inrush Current
Io=Full load, 25°C, Cool start,
Vin=115VAC
39
45
A
Efficiency
Io=Full Load, Vin=230VAC
82
88
%
Line Regulation
Io=Full Load
0.5
1
%
Load Regulation
Vin=230VAC
5
7
%
Over Voltage Protection
112
132
%
Over Current Protection
110
150
%
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Hold-Up Time
Io=Full Load, Vin=110VAC
16
mS
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
* Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.4
0.75
mA
Temperature Coefficient
All output
-0.04
0.04
%/°C
* Note: The Ripple & Noise which is under 3.3VDC at 2% max


同様の部品番号 - SIUA81-T00-1

メーカー部品番号データシート部品情報
logo
Vitec Power
SIUA81-T00-1 Vitec-SIUA81-T00-1 Datasheet
453Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
More results

同様の説明 - SIUA81-T00-1

メーカー部品番号データシート部品情報
logo
Vitec Power
SIUA80-SERIES Vitec-SIUA80-SERIES Datasheet
455Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
SIUA81 Vitec-SIUA81 Datasheet
453Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
SIUA80 Vitec-SIUA80 Datasheet
455Kb / 2P
   80W U-Bracket Power Supply for Industrial Equipment
STUA81 Vitec-STUA81 Datasheet
452Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
STUA80-SERIES Vitec-STUA80-SERIES Datasheet
454Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
STUA80 Vitec-STUA80 Datasheet
454Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
STUA81-SERIES Vitec-STUA81-SERIES Datasheet
452Kb / 2P
   80W U-Bracket Power Supply for I.T. Equipment
SIUA100 Vitec-SIUA100 Datasheet
427Kb / 2P
   100W U-Bracket Power Supply for Industrial Equipment
SIUA150 Vitec-SIUA150 Datasheet
415Kb / 2P
   150W U-Bracket Power Supply for Industrial Equipment
SIUA60-SERIES Vitec-SIUA60-SERIES Datasheet
524Kb / 3P
   63W U-Bracket Power Supply for Industrial Equipment
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com