データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV2304ID データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV2304ID
部品情報  FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLV2304ID データシート(HTML) 6 Page - Texas Instruments

Back Button TLV2304ID Datasheet HTML 2Page - Texas Instruments TLV2304ID Datasheet HTML 3Page - Texas Instruments TLV2304ID Datasheet HTML 4Page - Texas Instruments TLV2304ID Datasheet HTML 5Page - Texas Instruments TLV2304ID Datasheet HTML 6Page - Texas Instruments TLV2304ID Datasheet HTML 7Page - Texas Instruments TLV2304ID Datasheet HTML 8Page - Texas Instruments TLV2304ID Datasheet HTML 9Page - Texas Instruments TLV2304ID Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TLV2302, TLV2304
FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS
AND OPEN DRAIN COMPARATORS
SLOS343 – DECEMBER 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at recommended operating conditions, VCC = 2.7, 5 V, and 15 V (unless
otherwise noted) (continued)
comparator dc performance
PARAMETER
TEST CONDITIONS†
TA†
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
V
V
/2
R
50
25
°C
250
5000
µV
VIO
Input offset voltage
VIC= VCC/2,
RS = 50 Ω,
Rp =1MΩ (pullup to VCC)
Full range
7000
µV
αVIO
Offset voltage drift
Rp = 1 MΩ ( ullu to VCC)
25
°C
3
µV/°C
VCC =2 7V
25
°C
55
72
VCC = 2.7 V
Full range
50
CMRR
Common mode rejection ratio
VIC= 0 to VCC,
VCC =5V
25
°C
60
76
dB
CMRR
Common-mode rejection ratio
IC
CC,
RS = 50 Ω
VCC = 5 V
Full range
55
dB
VCC =15V
25
°C
65
88
VCC = 15 V
Full range
60
AVD
Large-signal differential voltage
amplification
Rp = 1 MΩ (pullup to VCC)
25
°C
1000
V/mV
VCC =2 7to5V
25
°C
75
100
PSRR
Power supply rejection ratio
VIC = VCC/2 V,
VCC = 2.7 to 5 V
Full range
70
dB
PSRR
yj
(
∆VCC/∆VIO)
IC
CC
No load
VCC =5to15V
25
°C
85
105
dB
VCC = 5 to 15 V
Full range
80
† Full range is –40
°C to 125°C.
comparator output characteristics
PARAMETER
TEST CONDITIONS†
TA†
MIN
TYP
MAX
UNIT
IOZ
High-impedance output leakage
current
VIC = VCC/2,
VO = VCC, VID = 1 V
25
°C
50
pA
VOL
Low level output voltage
VIC =VCC/2
IOL =50 µAVID =1 V
25
°C
80
200
mV
VOL
Low-level output voltage
VIC = VCC/2,
IOL = 50 µA, VID = –1 V
Full range
300
mV
† Full range is –40
°C to 125°C.
switching characteristics at recommended operating conditions, VCC = 2.7 V, 5 V, 15 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
Pti
d l
ti
Overdrive = 2 mV
175
t(PLH)
Propagation delay time,
low-to-high-level output
f=10kHz
Overdrive = 10 mV
25
°C
55
()
low-to-high-level out ut
f = 10 kHz,
VSTEP = 1 V,
Overdrive = 50 mV
25
µs
Pti
d l
ti
STEP
,
CL = 10 pF,
R1 M
Ω (ll
t V
)
Overdrive = 2 mV
300
µs
t(PHL)
Propagation delay time,
high-to-low-level output
Rp = 1 MΩ (pullup to VCC)
Overdrive = 10 mV
25
°C
60
()
high-to-low-level out ut
Overdrive = 50 mV
30
tf
Fall time
CL = 10 pF
25
°C
5
µs
NOTE: The response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.


同様の部品番号 - TLV2304ID

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2304ID TI1-TLV2304ID Datasheet
897Kb / 21P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2304IDG4 TI1-TLV2304IDG4 Datasheet
897Kb / 21P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV2304IDR TI1-TLV2304IDR Datasheet
897Kb / 21P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
More results

同様の説明 - TLV2304ID

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV2302 TI1-TLV2302_14 Datasheet
897Kb / 21P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND OPEN DRAIN COMPARATORS
TLV3401 TI1-TLV3401_13 Datasheet
759Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV3402 TI-TLV3402 Datasheet
257Kb / 14P
[Old version datasheet]   FAMILY OF NANOPOWER OPEN DRAIN OUTPUT COMPARATORS
TLV2702 TI1-TLV2702_14 Datasheet
621Kb / 27P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI1-TLV2702_09 Datasheet
627Kb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV2702 TI-TLV2702 Datasheet
429Kb / 23P
[Old version datasheet]   FAMILY OF NANOPOWER OPERATIONAL AMPLIFIERS AND PUSH-PULL COMPARATORS
TLV3701 TI-TLV3701 Datasheet
304Kb / 15P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV1851 TI1-TLV1851 Datasheet
1Mb / 36P
[Old version datasheet]   TLV185x and TLV186x Family of 40 V, Nanopower Comparators
REVISED AUGUST 2023
TLV1861 TI-TLV1861 Datasheet
1Mb / 31P
[Old version datasheet]   TLV185x and TLV186x Family of 40 V, Nanopower Comparators
DECEMBER 2022
TLV3701 TI1-TLV3701_15 Datasheet
1Mb / 26P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com