データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAP1114-1-EZK-TR データシート(PDF) 10 Page - SMSC Corporation

部品番号 CAP1114-1-EZK-TR
部品情報  Multiple Channel Capacitive Touch Sensor and LED Driver
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SMSC [SMSC Corporation]
ホームページ  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1114-1-EZK-TR データシート(HTML) 10 Page - SMSC Corporation

Back Button CAP1114-1-EZK-TR Datasheet HTML 6Page - SMSC Corporation CAP1114-1-EZK-TR Datasheet HTML 7Page - SMSC Corporation CAP1114-1-EZK-TR Datasheet HTML 8Page - SMSC Corporation CAP1114-1-EZK-TR Datasheet HTML 9Page - SMSC Corporation CAP1114-1-EZK-TR Datasheet HTML 10Page - SMSC Corporation CAP1114-1-EZK-TR Datasheet HTML 11Page - SMSC Corporation CAP1114-1-EZK-TR Datasheet HTML 12Page - SMSC Corporation CAP1114-1-EZK-TR Datasheet HTML 13Page - SMSC Corporation CAP1114-1-EZK-TR Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
Multiple Channel Capacitive Touch Sensor and LED Driver
Datasheet
Revision 1.1 (02-04-11)
10
SMSC CAP1114
DATASHEET
1.2
Register Delta
Table 1.1 Register Delta
ADDRESS
REGISTER DELTA
DELTA
DEFAULT
05h
Changed - Build
Revision
Reset build revision to 10h
10h
20h
Changed -
Configuration
Changed functionality of RPT_EN_B bit.
Changed default
29h
2Fh
Changed -
Recalibration
Configuration
Removed ACAL_RT[1:0] bits and
replaced with NEG_CNT[1:0] bits. These
bits control recalibration when negative
counts are received.
93h
38h
Changed - Button
Noise Threshold 1
Changed default
AAh
39h
Changed - Button
Noise Threshold 2
Changed default
AAh
3Fh
New - Digital
Recalibration
New register to force digital recalibration
on all sensors
00h
40h
New - Configuration 2
New register to control LED touch linking
behavior, LED output behavior, and noise
detection, and interrupt on release
00h
41h
New - Grouped
Channel Sensor
Enable
New register to enable individual sensors
within the grouped sensors
7Fh
42h
New - Proximity Control
New register to enable / configure
proximity settings on CS1
02h
46h
New - Group Button
Calibration Activate
New register to force calibration on
individual grouped sensors
00h
4Eh
New - Sampling
Channel Select
New register to select which channels
can be controlled via the Sampling
Configuration register
00h
60h
New - LED Status 1
New register to store status for LEDs that
have finished their programmed behavior
00h
61h
New - LED Status 2
New register to store status for LEDs that
have finished their programmed behavior
00h
77h
New - Linked LED
Transition Control 1
New register to control transition effect
when LED linked to CS sensor
00h
78h
New - Linked LED
Transition Control 2
New register to control transition effect
when LED linked to CS sensor
00h
79h
New - LED Mirror
Control 1
New register to control LED output
mirroring for brightness control when
polarity changed
00h
7Ah
New - LED Mirror
Control 2
New register to control LED output
mirroring for brightness control when
polarity changed
00h


同様の部品番号 - CAP1114-1-EZK-TR

メーカー部品番号データシート部品情報
logo
Microchip Technology
CAP1114-1-EZK-TR MICROCHIP-CAP1114-1-EZK-TR Datasheet
1Mb / 102P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.1 02-04-11
More results

同様の説明 - CAP1114-1-EZK-TR

メーカー部品番号データシート部品情報
logo
SMSC Corporation
CAP1214 SMSC-CAP1214 Datasheet
1Mb / 107P
   Multiple Channel Capacitive Touch Sensor and LED Driver
logo
Microchip Technology
CAP1114 MICROCHIP-CAP1114 Datasheet
1Mb / 102P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.1 02-04-11
logo
SMSC Corporation
CAP1014 SMSC-CAP1014 Datasheet
1Mb / 84P
   Multiple Channel Capacitive Touch Sensor and LED Driver
logo
Microchip Technology
CAP1214 MICROCHIP-CAP1214 Datasheet
1Mb / 107P
   Multiple Channel Capacitive Touch Sensor and LED Driver
Revision 1.0 08-30-10
logo
SMSC Corporation
CAP1005 SMSC-CAP1005 Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
logo
Microchip Technology
CAP1106-1-AIA-TR MICROCHIP-CAP1106-1-AIA-TR Datasheet
272Kb / 4P
   5 and 6 Channel Capacitive Touch Sensor
Revision 1.32 01-05-12
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
   3-Channel Capacitive Touch Sensor
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com