データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC34931SEK データシート(PDF) 2 Page - NXP Semiconductors

部品番号 MC34931SEK
部品情報  Motor Driver Product Selector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC34931SEK データシート(HTML) 2 Page - NXP Semiconductors

  MC34931SEK Datasheet HTML 1Page - NXP Semiconductors MC34931SEK Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number:
MOTORDRIVERFLYRA4 REV 5
NXP, the NXP logo and SMARTMOS are trademarks of NXP B.V. All other product or service names are the property
of their respective owners. All rights reserved. © 2015-2016 NXP B.V.
www.nxp.com/analog
LOW VOLTAGE MOTOR DRIVER SELECTOR GUIDE TARGETING 5–12 V BATTERY BUS APPLICATIONS
Part #
Motor Type
Out
Operation
Voltage (V)
Peak
Current (A)
LL
(V)
Sleep
(µA)
Freq.
(kHz)
Temp.
Range °C
Package Style and
(LxW mm) Footprint
MPC17510AEJ
Brushed DC/Actuator Drive
2+1
2.0–15
3.8
4.0–5.5
-
200
-30 to +65
TSSOP20-EP (6.6 x 6.4)
MPC17511EP
Brushed DC/Actuator Drive
2+1
2.0–6.8
3.0
2.7–5.7
-
200
-20 to +65
QFN 24 (4 x 4)
MPC17529EJ
Stepper/Brushed DC
4
2.0–6.8
1.4
2.7–5.6
-
200
-20 to +65
TSSOP20-EP (6.6 x 6.4)
MPC17531ATEJ
Stepper/Brushed DC
4
2.0–8.6
1.4
2.7–3.6
2.0
200
-20 to +65
TSSOP20-EP (6.6 x 6.4)
MPC17531ATEP
Stepper/Brushed DC
4
2.0–8.6
1.4
2.7–3.6
2.0
200
-20 to +65
QFN 24 (4 x 4)
MC34933EP
Stepper/Brushed DC
4
2.0–7.0
1.4
2.7–5.5
-
200
-20 to +85
QFN 16 (3 x 3)
MPC17C724EP
Stepper/Brushed DC
4
2.7–5.5
0.8
2.7–5.5
1.0
200
-20 to +85
QFN 16 (3 x 3)
MEDIUM VOLTAGE MOTOR DRIVER SELECTOR GUIDE TARGETING 5–36 V BATTERY APPLICATIONS
Part #
Motor Type
Out
Operation
Voltage (V)
Peak
Current (A)
SPI
Sleep
(µA)
Freq.
(kHz)
Temp.
Range °C
Package Style and
(LxW mm) Footprint
MC33886PVW
Brushed DC
2
5.0–28
5.0
-
-
10
-40 to +125
HSOP 20 (16 x 14.4)
MC33887APVW
Brushed DC
2
5.0–28
5.0
-
50
10
-40 to +125
HSOP 20 (16 x 14.4)
MC33887PEK
Brushed DC
2
5.0–28
5.0
-
50
10
-40 to +125
SOICW-EP 54 (18 x 10.3)
MC33887PFK
Brushed DC
2
5.0–28
5.0
-
50
10
-40 to +125
SOICW-EP 54 (18 x 10.3)
MC33899VW
Brushed DC
2
5.0–26.5
4.2/5.3/6.2/9.0
Y
145
11
-40 to +125
HSOP 30 (16 x 14.4)
MC33926PNB
Brushed DC
2
5.0–28
5.0
-
50
20
-40 to +125
PQFN 32 (8 x 8)
MC33931EK
Brushed DC
2
5.0–28
5.0
-
50
11
-40 to +125
SOICW-EP 32 (11 x 10.3)
MC33931VW
Brushed DC
2
5.0–28
5.0
-
50
11
-40 to +125
HSOP 44 (16 x 14.4)
MC34931EK
Brushed DC
2
5.0–36
5.0
-
18
11
-40 to +85
SOICW-EP 32 (11 x 10.3)
MC34931SEK
Brushed DC
2
5.0–36
5.0
-
18
20
-40 to +85
SOICW-EP 32 (11 x 10.3)
MC33932EK
Brushed DC/Stepper
4
5.0–28
5.0
-
50
11
-40 to +125
SOICW-EP 54 (18 x 10.3)
MC33932VW
Brushed DC/Stepper
4
5.0–28
5.0
-
50
11
-40 to +125
HSOP 44 (16 x 14.4)
MC34932EK
Brushed DC/Stepper
4
5.0–36
5.0
-
18
11
-40 to +85
SOICW-EP 54 (18 x 10.3)
MC34932SEK
Brushed DC/Stepper
2
5.0–36
5.0
-
18
20
-40 to +85
SOICW-EP 54 (18 x 10.3)
MC33HB2000EK
Brushed DC
2
5.0–36
5.4 / 7.0 / 8.8 / 10.7
Y
50
8.0 SELECT
-40 to +125
SOICW-EP 32 (11 x 10.3)
MC33HB2000FK
Brushed DC
2
5.0–36
5.4 / 7.0 / 8.8 / 10.7
Y
50
8.0 SELECT
-40 to +125
PQFN 32 (8 x 8)
MC33HB2001EK
Brushed DC
2
5.0–36
5.4 / 7.0 / 8.8 / 10.7
Y
50
8.0 SELECT
-40 to +125
SOICW-EP 32 (11 x 10.3)
MC33HB2001FK
Brushed DC
2
5.0–36
5.4 / 7.0 / 8.8 / 10.7
Y
50
8.0 SELECT
-40 to +125
PQFN 32 (8 x 8)
MOTOR GATE DRIVER AND SWITCH GUIDE TARGETING 5–60 V APPLICATIONS
Part #
Motor Type
Out
Operation
Voltage (V)
Gate Drive
Current (A)
SPI
Sleep
(µA)
Freq.
(kHz)
Temp.
Range °C
Package Style and
(LxW mm) Footprint
MC33883HEG
H-Bridge/DC Brushed
4
5.5–55
1.0
-
10
100
-40 to +125
SOIC20 (7.8 x 7.6)
MC33937AEK
Brushless DC
6
6.0–58
1.0
Y
30
20
-40 to +135
SOIC54 (10 x 18)
MC34937PEK
Brushless DC
6
6.0–58
1.0
Y
30
20
-40 to +125
SOIC54 (10 x 18)
MC33GD3000EP
Brushless DC
6
6.0–60
1.0
Y
30
20
-40 to +125
QFN 56 (8 x 8)
MC34GD3000EP
Brushless DC
6
6.0–60
1.0
Y
30
20
-20 to +105
QFN 56 (8 x 8)
MC33879APEK
Configurable LS/HS
Octal Drivers
16
5.5–27.5
1.2
Y
5.0
2.0
-40 to +125
SOIC32 (11 x 10.3)
MC33880PEG
Configurable LS/HS
Octal Drivers
16
5.5–24.5
0.8–2.0
Y
5.0
2.0
-40 to +125
SOIC28 (18 x 10.5)
MC33880PEW
Configurable LS/HS
Octal Drivers
16
5.5-24.5
0.8-2.0
Y
5.0
2.0
-40 to +125
SOIC32 (11 x 10.3)
MC33999EK
LS Dual-Octal Drivers
32
5.0–27
0.9–2.5
Y
10
2.0
-40 to +125
SOIC32 (11 x 10.3)
MC33999EK
LS Dual-Octal Drivers
32
5.0–27
0.9–2.5
Y
10
2.0
-40 to +125
SOIC54 (17.9 x 10.3)


同様の部品番号 - MC34931SEK

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC34931 FREESCALE-MC34931 Datasheet
722Kb / 25P
   34931 Industrial
MC34931EK FREESCALE-MC34931EK Datasheet
722Kb / 25P
   34931 Industrial
More results

同様の説明 - MC34931SEK

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP6041-I-SN MICROCHIP-MCP6041-I-SN Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC1017-3.3VCTTR MICROCHIP-TC1017-3.3VCTTR Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC620 MICROCHIP-TC620 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
Panasonic Semiconductor
ASFN30770 PANASONIC-ASFN30770 Datasheet
859Kb / 17P
   Fan Motor Selector Chart
02/2006
logo
Microchip Technology
TC4428AEJA MICROCHIP-TC4428AEJA Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide Thermal Management ??Motor Driver ??Interface Peripherals Power Management ??Linear & Mixed Signal ??Safety & Security
11/29/11
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com