データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS8190ENF16 データシート(PDF) 9 Page - ON Semiconductor

部品番号 CS8190ENF16
部品情報  Precision Air-Core Tach/Speedo Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8190ENF16 データシート(HTML) 9 Page - ON Semiconductor

Back Button CS8190ENF16 Datasheet HTML 3Page - ON Semiconductor CS8190ENF16 Datasheet HTML 4Page - ON Semiconductor CS8190ENF16 Datasheet HTML 5Page - ON Semiconductor CS8190ENF16 Datasheet HTML 6Page - ON Semiconductor CS8190ENF16 Datasheet HTML 7Page - ON Semiconductor CS8190ENF16 Datasheet HTML 8Page - ON Semiconductor CS8190ENF16 Datasheet HTML 9Page - ON Semiconductor CS8190ENF16 Datasheet HTML 10Page - ON Semiconductor CS8190ENF16 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CS8190
http://onsemi.com
9
1
1
R3
R4
R2
C3
C1
D2
R1
D1
GND
COSINE
SINE
C4
CCP
RT
+
Speedo
Input
Battery
Air Core
Gauge
200 W
CP+
CP−
SQOUT
F/VOUT
VREG
GND
GND
SINE+
SINE−
BIAS
FREQIN
GND
GND
COS+
COS−
VCC
Speedometer
CS8441
C2
Odometer
Air Core
Stepper
Motor
200 W
Trim Resistor
± 20 PPM/°C
243 kW
0.1 mF
1.0 A
600 PIV
3.9,
500 mW
10 kW
3.0 kW
1.0 kW
0.0033 mF
0.47 mF
0.1 mF
50 V,
500 mW
Zener
Figure 10. Speedometer With Odometer or Tachometer Application
± 30 PPM/°C
Notes:
1. C2 = 10 mF with CS8441 application.
2. The product of C4 and RT have a direct effect on gain and therefore directly affect temperature compensation.
3. C4 Range; 20 pF to 0.2 mF.
4. RT Range; 100 kW to 500 kW.
5. The IC must be protected from transients above 60 V and reverse battery conditions.
6. Additional filtering on the FREQIN lead may be required.
7. Gauge coil connections to the IC must be kept as short as possible (≤ 3.0 inch) for best pointer stability.
10 mF


同様の部品番号 - CS8190ENF16

メーカー部品番号データシート部品情報
logo
Cherry Semiconductor Co...
CS8190ENF16 CHERRY-CS8190ENF16 Datasheet
187Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
ON Semiconductor
CS8190ENF16 ONSEMI-CS8190ENF16 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190ENF16 ONSEMI-CS8190ENF16 Datasheet
113Kb / 11P
   Precision Air?묬ore Tach/Speedo Driver with Return to Zero
June, 2006 ??Rev. 6
CS8190ENF16G ONSEMI-CS8190ENF16G Datasheet
113Kb / 11P
   Precision Air?묬ore Tach/Speedo Driver with Return to Zero
June, 2006 ??Rev. 6
CS8190ENF16G ONSEMI-CS8190ENF16G Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
More results

同様の説明 - CS8190ENF16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
   Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190 ONSEMI-CS8190_17 Datasheet
126Kb / 12P
   Precision Air-Core Tach/Speedo Driver
September, 2017 ??Rev. 8
CS4121EDWFR20G ONSEMI-CS4121EDWFR20G Datasheet
94Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
CS4121 ONSEMI-CS4121 Datasheet
99Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
logo
Cherry Semiconductor Co...
CS8190 CHERRY-CS8190 Datasheet
187Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
CS8191 CHERRY-CS8191 Datasheet
186Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Short Circuit Protection
logo
IK Semicon Co., Ltd
IL8190N IKSEMICON-IL8190N Datasheet
445Kb / 11P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
Cherry Semiconductor Co...
CS4101 CHERRY-CS4101 Datasheet
168Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Separate Function Generator Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com