データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC898123F40XC データシート(PDF) 9 Page - ON Semiconductor

部品番号 LC898123F40XC
部品情報  Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898123F40XC データシート(HTML) 9 Page - ON Semiconductor

Back Button LC898123F40XC_16 Datasheet HTML 3Page - ON Semiconductor LC898123F40XC_16 Datasheet HTML 4Page - ON Semiconductor LC898123F40XC_16 Datasheet HTML 5Page - ON Semiconductor LC898123F40XC_16 Datasheet HTML 6Page - ON Semiconductor LC898123F40XC_16 Datasheet HTML 7Page - ON Semiconductor LC898123F40XC_16 Datasheet HTML 8Page - ON Semiconductor LC898123F40XC_16 Datasheet HTML 9Page - ON Semiconductor LC898123F40XC_16 Datasheet HTML 10Page - ON Semiconductor LC898123F40XC_16 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LC898123F40XC
www.onsemi.com
9
9. AC Characteristics
9-1 Power Sequence
Item
Symbol
Min
Typ
Max
Units
Rise time
tR
3
ms
Wait time
tW
100
ms
Bottom Voltage
Vbot
0.2
V
Injection order between AVDD30 and VM is below.
AVDD30
VM
VM
AVDD30 + 0.5V
(VM
≦ 3.3V)
2.6V
2.6V
tVMrd
≧ 0ms
tAVfd
≧0ms
WPB
tAVfd
tVMrd
WPB must be open or pulled down normally. When Flash is erased or programmed, WPB must be held High.
SDA, SCL, EXCLK, and WPB will tolerate 3 V input at the time of power off.
Power must remain applied to the device during flash access in order to prevent unintentional rewriting of the flash
memory.
Data in flash memory may be rewritten unintentionally if the specified power sequencing techniques are not kept.


同様の部品番号 - LC898123F40XC_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
More results

同様の説明 - LC898123F40XC_16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LC898124EP1XC ONSEMI-LC898124EP1XC Datasheet
274Kb / 10P
   Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
July 2016 - Rev. P1
LC898123F40XC ONSEMI-LC898123F40XC Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) Auto Focus (AF) Controller & Driver with 40kB Flash Memory
August 2016 - Rev. 1
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123AXD ONSEMI-LC898123AXD Datasheet
217Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
November 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
   Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
LC898217XH ONSEMI-LC898217XH Datasheet
244Kb / 9P
   Auto Focus (AF) Controller & Driver
April 2017 - Rev. 0
LC898113 ONSEMI-LC898113 Datasheet
182Kb / 7P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com