データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MDC3105DMT1G データシート(PDF) 2 Page - ON Semiconductor

部品番号 MDC3105DMT1G
部品情報  Integrated Relay, Inductive Load Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MDC3105DMT1G データシート(HTML) 2 Page - ON Semiconductor

  MDC3105DMT1G Datasheet HTML 1Page - ON Semiconductor MDC3105DMT1G Datasheet HTML 2Page - ON Semiconductor MDC3105DMT1G Datasheet HTML 3Page - ON Semiconductor MDC3105DMT1G Datasheet HTML 4Page - ON Semiconductor MDC3105DMT1G Datasheet HTML 5Page - ON Semiconductor MDC3105DMT1G Datasheet HTML 6Page - ON Semiconductor MDC3105DMT1G Datasheet HTML 7Page - ON Semiconductor MDC3105DMT1G Datasheet HTML 8Page - ON Semiconductor MDC3105DMT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MDC3105
http://onsemi.com
2
INTERNAL CIRCUIT DIAGRAMS
CASE 318F
CASE 318
Vout
(3)
Vin
(1)
1.0 k
33 k
6.6 V
GND
(2)
Vout
(6)
Vin
(5)
1.0 k
33 k
6.6 V
GND
(1)
Vout
(3)
Vin
(2)
1.0 k
33 k
6.6 V
GND
(4)
CASE 463A
Vout
(1, 2, 5, 6)
Vin
(3)
1.0 k
33 k
6.6 V
GND
(4)
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
6.0
Vdc
Input Voltage
Vin(fwd)
6.0
Vdc
Reverse Input Voltage
Vin(rev)
−0.5
Vdc
Repetitive Pulse Zener Energy Limit (Duty Cycle ≤ 0.01%)
SOT−23
Ezpk
50
mJ
Output Sink Current − Continuous
IO
500
mA
Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
TA
−40 to +85
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Total Device Power Dissipation (Note 1)
SOT−23
Derate above 25°C
PD
225
1.8
mW
mW/°C
Total Device Power Dissipation (Note 1)
SC−74
Derate above 25°C
PD
380
1.5
mW
mW/°C
Total Device Power Dissipation (Note 1)
SOT−563
Derate above 25°C
PD
357
2.9
mW
mW/°C
Thermal Resistance Junction−to−Ambient
SOT−23
SC−74
SOT−563
RqJA
556
329
250
°C/W
1. FR−5 PCB of 1″ x 0.75″ x 0.062″, TA = 25°C


同様の部品番号 - MDC3105DMT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MDC3105DMT1G ONSEMI-MDC3105DMT1G Datasheet
119Kb / 12P
   Integrated Relay, Inductive Load Driver
December, 2005 ??Rev. 5
MDC3105DMT1G ONSEMI-MDC3105DMT1G Datasheet
185Kb / 14P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 8
More results

同様の説明 - MDC3105DMT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
NUD3105 ONSEMI-NUD3105_06 Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
April, 2006 ??Rev. 8
MDC3105 ONSEMI-MDC3105_16 Datasheet
185Kb / 14P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 8
NUD3105LT1 ONSEMI-NUD3105LT1 Datasheet
77Kb / 8P
   Integrated Relay, Inductive Load Driver
December, 2004 ??Rev. 7
MDC3105 ONSEMI-MDC3105 Datasheet
119Kb / 12P
   Integrated Relay, Inductive Load Driver
December, 2005 ??Rev. 5
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105 Datasheet
214Kb / 9P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3112 ONSEMI-NUD3112_16 Datasheet
147Kb / 7P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 11
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com