データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MDC3105DMT1G データシート(PDF) 3 Page - ON Semiconductor

部品番号 MDC3105DMT1G
部品情報  Integrated Relay, Inductive Load Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MDC3105DMT1G データシート(HTML) 3 Page - ON Semiconductor

  MDC3105DMT1G Datasheet HTML 1Page - ON Semiconductor MDC3105DMT1G Datasheet HTML 2Page - ON Semiconductor MDC3105DMT1G Datasheet HTML 3Page - ON Semiconductor MDC3105DMT1G Datasheet HTML 4Page - ON Semiconductor MDC3105DMT1G Datasheet HTML 5Page - ON Semiconductor MDC3105DMT1G Datasheet HTML 6Page - ON Semiconductor MDC3105DMT1G Datasheet HTML 7Page - ON Semiconductor MDC3105DMT1G Datasheet HTML 8Page - ON Semiconductor MDC3105DMT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MDC3105
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Output Zener Breakdown Voltage
(@ IT = 10 mA Pulse)
V(BRout)
V(−BRout)
6.2
6.6
−0.7
7.0
V
V
Output Leakage Current @ 0 Input Voltage
(VO = 5.5 Vdc, Vin = O.C., TA = 25°C)
(VO = 5.5 Vdc, Vin = O.C., TA = 85°C)
IOO
0.1
30
mA
Guaranteed “OFF” State Input Voltage (IO ≤ 100 mA)
Vin(off)
0.4
V
ON CHARACTERISTICS
Input Bias Current (HFE Limited)
(IO = 250 mA, VO = 0.25 Vdc)
Iin
0.8
1.6
mAdc
Output Saturation Voltage
(IO = 250 mA, Iin = 1.5 mA)
VO(sat)
0.12
0.16
Vdc
Output Sink Current − Continuous
(VCE = 0.25 Vdc, Iin = 1.5 mA)
IO(on)
250
400
mA
ORDERING INFORMATION
Device
Package
Shipping
MDC3105LT1
SOT−23
3000 / Tape & Reel
MDC3105LT1G
SOT−23
(Pb−Free)
MDC3105DMT1
SC−74
MDC3105DMT1G
SC−74
(Pb−Free)
MDC3105XV6T1G
SOT−563
(Pb−Free)
4000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


同様の部品番号 - MDC3105DMT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MDC3105DMT1G ONSEMI-MDC3105DMT1G Datasheet
119Kb / 12P
   Integrated Relay, Inductive Load Driver
December, 2005 ??Rev. 5
MDC3105DMT1G ONSEMI-MDC3105DMT1G Datasheet
185Kb / 14P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 8
More results

同様の説明 - MDC3105DMT1G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
NUD3105 ONSEMI-NUD3105_06 Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
April, 2006 ??Rev. 8
MDC3105 ONSEMI-MDC3105_16 Datasheet
185Kb / 14P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 8
NUD3105LT1 ONSEMI-NUD3105LT1 Datasheet
77Kb / 8P
   Integrated Relay, Inductive Load Driver
December, 2004 ??Rev. 7
MDC3105 ONSEMI-MDC3105 Datasheet
119Kb / 12P
   Integrated Relay, Inductive Load Driver
December, 2005 ??Rev. 5
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105 Datasheet
214Kb / 9P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3112 ONSEMI-NUD3112_16 Datasheet
147Kb / 7P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 11
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com