データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M9370A データシート(PDF) 11 Page - Keysight Technologies

部品番号 M9370A
部品情報  Keysight PXIe Vector Network Analyzers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9370A データシート(HTML) 11 Page - Keysight Technologies

Back Button M9370A Datasheet HTML 7Page - Keysight Technologies M9370A Datasheet HTML 8Page - Keysight Technologies M9370A Datasheet HTML 9Page - Keysight Technologies M9370A Datasheet HTML 10Page - Keysight Technologies M9370A Datasheet HTML 11Page - Keysight Technologies M9370A Datasheet HTML 12Page - Keysight Technologies M9370A Datasheet HTML 13Page - Keysight Technologies M9370A Datasheet HTML 14Page - Keysight Technologies M9370A Datasheet HTML 15Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
11
Table 4. With 85052D standard mechanical 3.5 mm calibration kit 6
Corrected error terms (dB) – 300 kHz to 24 GHz
Frequency
Directivity
Source
match
Load
match
Transmission tracking
Reflection tracking
Mag
Phase °
Mag
Phase °
300 kHz to < 2 MHz
42
37
42
±0.068
±0.450
±0.003
±0.020
2 MHz to 1 GHz
42
37
42
±0.019
±0.123
±0.003
±0.020
> 1 to 2 GHz
42
37
42
±0.021
±0.136
±0.003
±0.020
> 2 to 4 GHz
38
31
38
±0.055
±0.361
±0.004
±0.027
> 4 to 6.5 GHz
38
31
38
±0.089
±0.584
±0.004
±0.027
> 6.5 to 9 GHz
36
28
36
±0.155
±1.023
±0.008
±0.052
> 9 to 14 GHz
36
28
36
±0.195
±1.286
±0.008
±0.052
> 14 to 20 GHz
36
28
36
±0.233
±1.536
±0.008
±0.052
> 20 to 24 GHz
30
25
30
±0.442
±2.915
±0.011
±0.072
Transmission uncertainty (magnitude and phase)
6
Measured with 10 Hz IF bandwidth, no averaging applied to data, environmental temperature = 23 °C
(±3 °C) with < 1 °C deviation from calibration temperature, isolation calibration performed.


同様の部品番号 - M9370A

メーカー部品番号データシート部品情報
logo
EPCOS
M9370M EPCOS-M9370M Datasheet
63Kb / 5P
   IF Filter for Audio Applications
More results

同様の説明 - M9370A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9372A KEYSIGHT-M9372A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9375A KEYSIGHT-M9375A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
   Vector Network Analyzers
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com