データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M9374A データシート(PDF) 2 Page - Keysight Technologies

部品番号 M9374A
部品情報  Keysight PXIe Vector Network Analyzers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9374A データシート(HTML) 2 Page - Keysight Technologies

  M9374A Datasheet HTML 1Page - Keysight Technologies M9374A Datasheet HTML 2Page - Keysight Technologies M9374A Datasheet HTML 3Page - Keysight Technologies M9374A Datasheet HTML 4Page - Keysight Technologies M9374A Datasheet HTML 5Page - Keysight Technologies M9374A Datasheet HTML 6Page - Keysight Technologies M9374A Datasheet HTML 7Page - Keysight Technologies M9374A Datasheet HTML 8Page - Keysight Technologies M9374A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2
Drive down the size of test
When you need to measure basic S-parameters,
the right mix of speed, performance and footprint
gives you an edge. Sharpen your edge with the
Keysight PXI vector network analyzer (VNA), ideal
for:
Wireless manufacturing test
Handset component test
Aerospace/defense depot maintenance
level testing
Aerospace/defense manufacturing test
Get more VNA in less space
The Keysight PXI VNA is a full two-port VNA that
fits in just one slot. The PXI VNA also performs
fast, accurate measurements and reduces your
cost-of-test by letting you simultaneously
characterize many devices -- two-port or
multiport -- using a single PXI chassis.
It offers the best PXI VNA performance on key
specifications such as dynamic range,
measurement speed, and trace noise. Each
module is a completely independent two-port
network analyzer and up to 16 modules can be
added to a chassis for multi-site and multiport
applications. All ports are fully synchronous so
multiple ports can be measured simultaneously
with multiport error correction applied. For more
information, see page 28.
Achieve confidence and continuity in
measurements
The M937xA extends Keysight’s expertise in
metrology to the modular form factor. It provides
the same quality results you have come to expect
in our vector network analyzers. Here are a few
examples of ways that we continue to provide
measurement quality and continuity.
Dynamic range: > 114 dB at 9 GHz,
> 110 dB at 20 GHz
Trace noise: < 0.003 dB
Sweep speed: 18 to 33 msec across 401
points
Maximum leveled power: up to +7 dBm
Stability: 0.005 dB/°C up to 4 GHz
<0.02 dB/°C up to 26.5 GHz
Electronic calibration (ECal): enables fast,
easy and accurate calibrations
Maintain hardware compliance
The M937xA is PXI compliant and designed to
benefit from fast data interfaces. The PXI VNA can
be integrated with other test and automation
modules in either a PXIe or Hybrid slot. The PXI
format offers high performance in a small, rugged
package. It is an ideal deployment platform for
many automated test systems.
Pay for only the frequency range you need with
the widest choice of frequency ranges from 300
kHz up to 26.5 GHz.


同様の部品番号 - M9374A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 7P
   M9161D PXI Dual SP4T Solid State Switch Module
More results

同様の説明 - M9374A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9372A KEYSIGHT-M9372A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9375A KEYSIGHT-M9375A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
   Vector Network Analyzers
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com