データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMP320LF2402APGA データシート(PDF) 4 Page - Texas Instruments

部品番号 TMP320LF2402APGA
部品情報  DSP CONTROLLERS
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMP320LF2402APGA データシート(HTML) 4 Page - Texas Instruments

  TMP320LF2402APGA Datasheet HTML 1Page - Texas Instruments TMP320LF2402APGA Datasheet HTML 2Page - Texas Instruments TMP320LF2402APGA Datasheet HTML 3Page - Texas Instruments TMP320LF2402APGA Datasheet HTML 4Page - Texas Instruments TMP320LF2402APGA Datasheet HTML 5Page - Texas Instruments TMP320LF2402APGA Datasheet HTML 6Page - Texas Instruments TMP320LF2402APGA Datasheet HTML 7Page - Texas Instruments TMP320LF2402APGA Datasheet HTML 8Page - Texas Instruments TMP320LF2402APGA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 134 page
background image
TMS320LF2407A,TMS320LF2406A,TMS320LF2403A,TMS320LF2402A
TMS320LC2406A,TMS320LC2404A,TMS320LC2403A,TMS320LC2402A
DSP CONTROLLERS
SPRS145K − JULY 2000 − REVISED AUGUST 2005
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description
The TMS320LF240xA and TMS320LC240xA devices, new members of the TMS320C24x
 generation of
digital signal processor (DSP) controllers, are part of the TMS320C2000
 platform of fixed-point DSPs. The
240xA devices offer the enhanced TMS320
 DSP architectural design of the C2xx core CPU for low-cost,
low-power, and high-performance processing capabilities. Several advanced peripherals, optimized for digital
motor and motion control applications, have been integrated to provide a true single-chip DSP controller. While
code-compatible with the existing C24x
 DSP controller devices, the 240xA offers increased processing
performance (40 MIPS) and a higher level of peripheral integration. See the TMS320x240xA Device Summary
section for device-specific features.
The 240xA generation offers an array of memory sizes and different peripherals tailored to meet the specific
price/performance points required by various applications. Flash devices of up to 32K words offer a
cost-effective reprogrammable solution for volume production. The 240xA devices offer a password-based
“code security” feature which is useful in preventing unauthorized duplication of proprietary code stored in
on-chip Flash/ROM. Note that Flash-based devices contain a 256-word boot ROM to facilitate in-circuit
programming. The 240xA family also includes ROM devices that are fully pin-to-pin compatible with their Flash
counterparts.
All 240xA devices offer at least one event manager module which has been optimized for digital motor control
and power conversion applications. Capabilities of this module include center- and/or edge-aligned PWM
generation, programmable deadband to prevent shoot-through faults, and synchronized analog-to-digital
conversion. Devices with dual event managers enable multiple motor and/or converter control with a single
240xA DSP controller. Select EV pins have been provided with an “input-qualifier” circuitry, which minimizes
inadvertent pin-triggering by glitches.
The high-performance, 10-bit analog-to-digital converter (ADC) has a minimum conversion time of 375 ns and
offers up to 16 channels of analog input. The autosequencing capability of the ADC allows a maximum of
16 conversions to take place in a single conversion session without any CPU overhead.
A serial communications interface (SCI) is integrated on all devices to provide asynchronous communication
to other devices in the system. For systems requiring additional communication interfaces, the 2407A, 2406A,
2404A, and 2403A offer a 16-bit synchronous serial peripheral interface (SPI). The 2407A, 2406A, and 2403A
offer a controller area network (CAN) communications module that meets 2.0B specifications. To maximize
device flexibility, functional pins are also configurable as general-purpose inputs/outputs (GPIOs).
To streamline development time, JTAG-compliant scan-based emulation has been integrated into all devices.
This provides non-intrusive real-time capabilities required to debug digital control systems. A complete suite
of code-generation tools from C compilers to the industry-standard Code Composer Studio
 debugger
supports this family. Numerous third-party developers not only offer device-level development tools, but also
system-level design and development support.
TMS320C24x, TMS320C2000, TMS320, and C24x are trademarks of Texas Instruments.


同様の部品番号 - TMP320LF2402APGA

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMP320LF2401AVFA TI-TMP320LF2401AVFA Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
TMP320LF2401AVFS TI-TMP320LF2401AVFS Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
More results

同様の説明 - TMP320LF2402APGA

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320LC2401A TI-TMS320LC2401A Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
TMS320LC2406A TI-TMS320LC2406A Datasheet
1Mb / 133P
[Old version datasheet]   DSP CONTROLLERS
TMS320F243 TI-TMS320F243_07 Datasheet
1Mb / 121P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2401A TI-TMS320LF2401A_07 Datasheet
1Mb / 88P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407-EP TI1-SM320LF2407-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320F241 TI1-TMS320F241_13 Datasheet
1Mb / 122P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI-TMS320LF2407 Datasheet
1Mb / 106P
[Old version datasheet]   DSP CONTROLLERS
SM320LF2407A-EP TI1-SM320LF2407A-EP Datasheet
1Mb / 112P
[Old version datasheet]   DSP CONTROLLERS
TMS320LF2407 TI1-TMS320LF2407_13 Datasheet
1Mb / 117P
[Old version datasheet]   DSP CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com