データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U1451A データシート(PDF) 8 Page - Keysight Technologies

部品番号 U1451A
部品情報  Insulation Resistance Testers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1451A データシート(HTML) 8 Page - Keysight Technologies

Back Button U1451A Datasheet HTML 4Page - Keysight Technologies U1451A Datasheet HTML 5Page - Keysight Technologies U1451A Datasheet HTML 6Page - Keysight Technologies U1451A Datasheet HTML 7Page - Keysight Technologies U1451A Datasheet HTML 8Page - Keysight Technologies U1451A Datasheet HTML 9Page - Keysight Technologies U1451A Datasheet HTML 10Page - Keysight Technologies U1451A Datasheet HTML 11Page - Keysight Technologies U1451A Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
08 | Keysight | U1450A/U1460A Insulation Resistance Testers - Data Sheet
U1453A/U1461A insulation resistance speciications
Insulation resistance specifications with accuracy of ± (% of reading + number of least significant digit)
Test voltage
Range
Resolution
Accuracy
Test current
50 V
6 MΩ
0.001 MΩ
1.5% + 5
1 mA @ 50 kΩ
< 50 MΩ
0.01 MΩ
1.5% + 5
~60 GΩ
~0.01 GΩ
1.5% + 52
100 V
6 MΩ
0.001 MΩ
1.5% + 5
1 mA @ 100 kΩ
60 MΩ
0.01 MΩ
1.5% + 5
< 100 MΩ
0.1 MΩ
1.5% + 5
~60 GΩ
~0.01 GΩ
1.5% + 52
250 V
6 MΩ
0.001 MΩ
1.5% + 5
1 mA @ 250 kΩ
60 MΩ
0.01 MΩ
1.5% + 5
< 250 MΩ
0.1 MΩ
1.5% + 5
~200 GΩ
~0.1 GΩ
1.5% + 52
500 V
6 MΩ
0.001 MΩ
1.2% + 5
1 mA @ 500 kΩ
60 MΩ
0.01 MΩ
1.2% + 5
< 500 MΩ
0.1 MΩ
1.2% + 5
~200 GΩ
~0.1 GΩ
1.2% + 52
1000 V
6 MΩ
0.001 MΩ
1.2% + 5
1 mA @ 1 MΩ
60 MΩ
0.01 MΩ
1.2% + 5
600 MΩ
0.1 MΩ
1.2% + 5
< 1 GΩ
0.001 GΩ
1.2% + 5
~200 GΩ
~0.1 GΩ
1.2% + 52
1.
The voltage indication on the display refers to the voltage at the DUT (device under test), and the accuracy is according to the DC voltage
measurement. The marked test voltage and the actual test voltage may be different if the test voltage is adjusted in the Setup. Refer to the table
below for more details.
Ω
Mega position (Mark)
1000 V
500 V
250 V
100 V
50 V
Default test voltage
(factory)
1000 V
500 V
250 V
100 V
50 V
Deviation
2.0 V
1.5 V
1.5 V
1.5 V
1.0 V
0.2%
0.3%
0.6%
1.5%
2.0%
Adjustable test voltage
(user)
10 to 1100 V 10 to 600 V
10 to 300 V
10 to 120 V
10 to 60 V
Incremental
1 V
1 V
1 V
1 V
1 V
2.
Additional accuracy is to be added to the basic accuracy as shown in the table below.
Voltage
1000 V
500 V
250 V
100 V
50 V
Above
1 GΩ
500 MΩ
250 MΩ
100 MΩ
50 MΩ
Basic accuracy
1.2% + 5
1.2% + 5
1.5% + 5
1.5% + 5
1.5% + 5
Additional accuracy
0.05%/GΩ
0.1%/GΩ
0.2%/GΩ
0.5%/GΩ
1.0%/GΩ


同様の部品番号 - U1451A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
U1450A KEYSIGHT-U1450A Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
U1452A KEYSIGHT-U1452A Datasheet
672Kb / 20P
   Insulation Resistance Testers
U1453A KEYSIGHT-U1453A Datasheet
672Kb / 20P
   Insulation Resistance Testers
More results

同様の説明 - U1451A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
U1461A KEYSIGHT-U1461A Datasheet
672Kb / 20P
   Insulation Resistance Testers
U1452A KEYSIGHT-U1452A Datasheet
672Kb / 20P
   Insulation Resistance Testers
U1453A KEYSIGHT-U1453A Datasheet
672Kb / 20P
   Insulation Resistance Testers
logo
DB Lectro Inc
95D DBLECTRO-95D Datasheet
1Mb / 4P
   High Insulation Resistance
90D DBLECTRO-90D Datasheet
778Kb / 2P
   High Insulation Resistance
logo
Toshiba Semiconductor
TLP3214 TOSHIBA-TLP3214 Datasheet
248Kb / 7P
   LOGIC IC TESTERS / MEMORY TESTERS
TLP3122 TOSHIBA-TLP3122 Datasheet
149Kb / 6P
   Logic Testers / Memory Testers
TLP3131 TOSHIBA-TLP3131 Datasheet
154Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3114 TOSHIBA-TLP3114_14 Datasheet
191Kb / 6P
   MEASUREMENT INSTRUMENTS LOGIC IC TESTERS / MEMORY TESTERS BOARD TESTERS / SCANNERS
TLP3230 TOSHIBA-TLP3230_14 Datasheet
273Kb / 7P
   Measuring Instruments Logic IC Testers / Memory Testers Board Testers / Scanners
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com