データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC164 データシート(PDF) 5 Page - Diodes Incorporated

部品番号 74AHC164
部品情報  8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC164 データシート(HTML) 5 Page - Diodes Incorporated

  74AHC164 Datasheet HTML 1Page - Diodes Incorporated 74AHC164 Datasheet HTML 2Page - Diodes Incorporated 74AHC164 Datasheet HTML 3Page - Diodes Incorporated 74AHC164 Datasheet HTML 4Page - Diodes Incorporated 74AHC164 Datasheet HTML 5Page - Diodes Incorporated 74AHC164 Datasheet HTML 6Page - Diodes Incorporated 74AHC164 Datasheet HTML 7Page - Diodes Incorporated 74AHC164 Datasheet HTML 8Page - Diodes Incorporated 74AHC164 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74AHC164
Document number: DS36281 Rev. 2 - 2
5 of 11
www.diodes.com
August 2015
© Diodes Incorporated
74AHC164
400
Electrical Characteristics (TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
TA = -40°C to
+85°C
TA = -40°C to +125°C
Unit
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High-Level
Input Voltage
-
2.0V
1.5
-
-
1.5
-
1.5
-
V
3.0V
2.1
-
-
2.1
-
2.1
-
5.5V
3.85
-
-
3.85
-
3.85
-
VIL
Low-Level
Input Voltage
-
2.0V
-
-
0.5
-
0.5
-
0.5
V
3.0V
-
-
0.9
-
0.9
-
0.9
5.5V
-
-
1.65
-
1.65
-
1.65
VOH
High-Level
Output Voltage
IOH = -50μA
2.0V
1.9
2.0
-
1.9
-
1.9
-
V
IOH = -50μA
3.0V
2.9
3.0
-
2.9
-
2.9
-
IOH = -50μA
4.5V
4.4
4.5
-
4.4
-
4.4
-
IOH = -4.0mA
3.0V
2.58
-
-
2.48
-
2.40
-
IOH = -8mA
4.5
3.94
-
-
3.80
-
3.70
-
VOL
Low-Level
Output Voltage
IOL = 50μA
2.0V
-
0
0.1
-
0.1
-
0.1
V
IOL = 50μA
3.0V
-
0
0.1
-
0.1
-
0.1
IOL = 50μA
4.5V
-
0
0.1
-
0.1
-
0.1
IOL = 4mA
3.0V
-
0.15
0.36
-
0.44
-
0.55
IOL = 8mA
4.5V
-
0.15
0.36
-
0.44
-
0.55
II
Input Current
VI = GND or
5.5V
0V or
5.5V
-
-
±0.1
-
± 1
-
± 2
μA
ICC
Supply Current
VI = GND or
VCC, IO = 0A
5.5V
-
-
4.0
-
40
-
80
μA


同様の部品番号 - 74AHC164

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC164 PHILIPS-74AHC164 Datasheet
92Kb / 20P
   8-bit serial-in/parallel-out shift register
2000 Aug 15
logo
Nexperia B.V. All right...
74AHC164 NEXPERIA-74AHC164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
74AHC164-Q100 NEXPERIA-74AHC164-Q100 Datasheet
726Kb / 19P
   Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHC164BQ NXP-74AHC164BQ Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHC164BQ NEXPERIA-74AHC164BQ Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results

同様の説明 - 74AHC164

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI1-SN54HC164_16 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com