データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AVC1T45 データシート(PDF) 6 Page - Diodes Incorporated

部品番号 74AVC1T45
部品情報  TRANSCEIVER WITH 3 STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AVC1T45 データシート(HTML) 6 Page - Diodes Incorporated

Back Button 74AVC1T45 Datasheet HTML 2Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 3Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 4Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 5Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 6Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 7Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 8Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 9Page - Diodes Incorporated 74AVC1T45 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74AVC1T45
Document number: DS38131 Rev. 1
– 2
6 of 17
www.diodes.com
September 2016
© Diodes Incorporated
74AVC1T45
Package Characteristics (VCC = 3.3V, TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Package
Test Conditions
Min
Typ
Max
Unit
θJA
Thermal Resistance Junction-
to-Ambient
SOT26
(Note 11)
-
166
-
°C/W
SOT363
-
371
-
X2-DFN0910-6
-
530
-
X2- DFN1410-6
-
430
-
X2-DFN1409-6
-
450
-
X1-DFN1010-6
-
510
-
θJC
Thermal Resistance Junction-
to-Case
SOT26
(Note 11)
-
46
-
°C/W
SOT363
-
143
-
X2-DFN0910-6
-
260
-
X2- DFN1410-6
-
190
-
X2-DFN1409-6
-
200
-
X1-DFN1010-6
-
250
-
Note:
11. Test condition for all packages: Device mounted on FR-4 substrate PC board, 2oz copper with minimum recommended pad layout.
Switching Characteristics
VCC (A) = 1.2V, TA = -40°C to +85°C, See Figure 1
Parameter
From
(Input)
To
(Output)
VCC(B) =
1.2V
VCC(B) = 1.5V
±0.1
VCC(B) = 1.8V
±0.15V
VCC(B) = 2.5V
±0.2V
VCC(B) = 3.3V
±0.3V
Unit
TYP
TYP
TYP
TYP
TYP
tpLH
A
B
3.3
2.7
2.4
2.3
2.4
ns
tpHL
3.3
2.7
2.4
2.3
2.4
tpLH
B
A
3.3
3.1
2.9
2.8
2.7
ns
tpHL
3.3
3.1
2.9
2.8
2.7
tpHZ
DIR
A
5.1
5.2
5.3
5.2
3.7
ns
tpLZ
5.1
5.2
5.3
5.2
3.7
tpHZ
DIR
B
5.3
4.3
4.0
3.3
3.7
ns
tpLZ
5.3
4.3
4.0
3.3
3.7
tpZH*
DIR
A
8.6
7.3
6.8
6.1
6.4
ns
tpZL*
8.6
7.3
6.8
6.1
6.4
tpZH*
DIR
B
8.3
7.8
7.7
7.5
5.8
ns
tpZL*
8.3
7.8
7.7
7.5
5.8
*Enable times are calculated vales see table at end of switching characteristics.
VCC (A) = 1.5V ± 0.1V, TA = -40°C to +85°C, See Figure 1
Parameter
From
(Input)
To
(Output)
VCC(B) =
1.2V
VCC(B) = 1.5V
±0.1
VCC(B) = 1.8V
±0.15V
VCC(B) = 2.5V
±0.2V
VCC(B) = 3.3V
±0.3V
Unit
TYP
Min
Max
Min
Max
Min
Max
Min
Max
tpLH
A
B
2.9
0.7
5.6
0.6
5.2
0.5
4.2
0.5
3.8
ns
tpHL
2.9
0.7
5.6
0.6
5.2
0.5
4.2
0.5
3.8
tpLH
B
A
2.6
0.6
5.5
0.4
5.3
0.3
4.9
0.3
4.8
ns
tpHL
2.6
0.6
5.5
0.4
5.3
0.3
4.9
0.3
4.8
tpHZ
DIR
A
3.8
1.6
6.7
1.5
6.8
0.3
6.9
0.9
6.9
ns
tpLZ
3.8
1.6
6.7
1.5
6.8
0.3
6.9
0.9
6.9
tpHZ
DIR
B
5.1
1.8
8.1
1.6
7.1
1.1
4.7
1.4
4.5
ns
tpLZ
5.1
1.8
8.1
1.6
7.1
1.1
4.7
1.4
4.5
tpZH*
DIR
A
7.7
-
13.6
-
12.4
-
9.6
-
9.3
ns
tpZL*
7.7
-
13.6
-
12.4
-
9.6
-
9.3
tpZH*
DIR
B
6.7
-
12.3
-
12
-
11.1
-
10.7
ns
tpZL*
6.7
-
12.3
-
12
-
11.1
-
10.7
*Enable times are calculated vales see table at end of switching characteristics.


同様の部品番号 - 74AVC1T45

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AVC1T45 NXP-74AVC1T45 Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
logo
Nexperia B.V. All right...
74AVC1T45 NEXPERIA-74AVC1T45 Datasheet
324Kb / 22P
   Dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 2 February 2022
74AVC1T45-Q100 NEXPERIA-74AVC1T45-Q100 Datasheet
290Kb / 20P
   Dual-supply voltage level translator/transceiver 3-state
logo
NXP Semiconductors
74AVC1T45GM NXP-74AVC1T45GM Datasheet
119Kb / 21P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
logo
Nexperia B.V. All right...
74AVC1T45GM NEXPERIA-74AVC1T45GM Datasheet
324Kb / 22P
   Dual-supply voltage level translator/transceiver; 3-state
Rev. 10 - 2 February 2022
More results

同様の説明 - 74AVC1T45

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
74ACT11543 TI-74ACT11543 Datasheet
101Kb / 7P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74FR16245 FAIRCHILD-74FR16245 Datasheet
54Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVC543 TI-SN74LVC543 Datasheet
99Kb / 6P
[Old version datasheet]   OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16863 TI-SN74ALVCH16863 Datasheet
115Kb / 8P
[Old version datasheet]   18-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com