データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC374A データシート(PDF) 6 Page - Diodes Incorporated

部品番号 74LVC374A
部品情報  OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC374A データシート(HTML) 6 Page - Diodes Incorporated

Back Button 74LVC374A Datasheet HTML 2Page - Diodes Incorporated 74LVC374A Datasheet HTML 3Page - Diodes Incorporated 74LVC374A Datasheet HTML 4Page - Diodes Incorporated 74LVC374A Datasheet HTML 5Page - Diodes Incorporated 74LVC374A Datasheet HTML 6Page - Diodes Incorporated 74LVC374A Datasheet HTML 7Page - Diodes Incorporated 74LVC374A Datasheet HTML 8Page - Diodes Incorporated 74LVC374A Datasheet HTML 9Page - Diodes Incorporated 74LVC374A Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
74LVC374A
Document number: DS35895 Rev. 1 - 2
6 of 10
www.diodes.com
June 2014
© Diodes Incorporated
74LVC374A
Parameter Measurement Information
VCC
Inputs
VM
VLOAD
CL
RL
V∆
VI
tr/tf
1.8V ± 0.15V
VCC
≤2ns
VCC/2
2 x VCC
30pF
1KΩ
0.15V
2.5V ± 0.2V
VCC
≤2ns
VCC/2
2 x VCC
30pF
500Ω
0.15V
2.7V
2.7V
≤2.5ns
1.5V
6V
50pF
500Ω
0.3V
3.3V ± 0.3V
2.7V
≤2.5ns
1.5V
6V
50pF
500Ω
0.3V
Voltage Waveform Enable and Disable Times
Low and High Level Enabling
Voltage Waveform Pulse Duration
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate ≤ 10 MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLZ and tPHZ are the same as tdis.
E. tPZL and tPZH are the same as tEN0
F. tPLH and tPHL are the same as tPD.
Figure 1 Load Circuit and Voltage Waveforms
TEST
S1
tPLH/tPHL
Open
tPLZ/tPZL
VLOAD
tPHZ/tPZH
GND


同様の部品番号 - 74LVC374A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC374A PHILIPS-74LVC374A Datasheet
101Kb / 12P
   Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
logo
STMicroelectronics
74LVC374A STMICROELECTRONICS-74LVC374A Datasheet
298Kb / 14P
   OCTAL D-TYPE FLIP-FLOP HIGH PERFORMANCE
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A Datasheet
102Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
74LVC374A ONSEMI-74LVC374A Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Nexperia B.V. All right...
74LVC374A NEXPERIA-74LVC374A Datasheet
271Kb / 15P
   Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 5 - 27 August 2021
More results

同様の説明 - 74LVC374A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com