データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC374A データシート(PDF) 4 Page - Diodes Incorporated

部品番号 74LVC374A
部品情報  OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC374A データシート(HTML) 4 Page - Diodes Incorporated

  74LVC374A Datasheet HTML 1Page - Diodes Incorporated 74LVC374A Datasheet HTML 2Page - Diodes Incorporated 74LVC374A Datasheet HTML 3Page - Diodes Incorporated 74LVC374A Datasheet HTML 4Page - Diodes Incorporated 74LVC374A Datasheet HTML 5Page - Diodes Incorporated 74LVC374A Datasheet HTML 6Page - Diodes Incorporated 74LVC374A Datasheet HTML 7Page - Diodes Incorporated 74LVC374A Datasheet HTML 8Page - Diodes Incorporated 74LVC374A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
74LVC374A
Document number: DS35895 Rev. 1 - 2
4 of 10
www.diodes.com
June 2014
© Diodes Incorporated
74LVC374A
Electrical Characteristics
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = +85°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-Level Input
Voltage
1.65V to 1.95V
VCC X 0.65
VCC X 0.65
V
2.3V to 2.7V
1.7
1.7
3.0V to 3.6V
2
2
VIL
Low-Level input
voltage
1.65V to 1.95V
VCC X 0.35
VCC X 0.35
V
2.3V to 2.7V
0.7
0.7
3.0V to 3.6V
0.8
0.8
VOH
High-Level Output
Voltage
IOH = -50μA
1.65V to 3.6V
VCC -0.2
VCC -0.3
IOH = -4mA
1.65V
1.2
1.05
IOH = -8mA
2.3V
1.7
1.65
V
IOH = -12mA
2.7V
2.2
2.05
3.0V
2.4
2.48
IOH = -24mA
3.0V
2.3
2.0
VOL
Low-Level Output
Voltage
IOL = 100μA
1.65V to 3.6V
0.2
0.3
V
IOL = 4mA
1.65V
0.45
0.65
IOL = 8mA
2.3V
0.60
0.80
IOL = 12mA
2.7V
0.40
0.60
IOL = 24mA
3.0V
0.55
0.80
IOFF
Power Down
Leakage Current
VI or VO = 0 or 5.5V
0V
±10
20
μA
II
Input Current
Control Pins
VI =GND or 5.5V
0 to 3.6V
±5
± 20
μA
IOZ
Z-State Current
Including Input
Current
I/O Pins
VI = GND or 5.5V
VO = 0 to 5.5V
3.6V
±5
± 20
uA
ICC
Supply Current
VI = GND or VCC
IO = 0
3.6V
10
40
μA
∆ICC
Additional Supply
Current
One input at VCC -0.6V
Io = 0A
2.7V to 3.6V
500
5000
μA
Ci
Input Capacitance
Control Pins
VI = GND
or VCC
0V to 3.6V
4.0 typical
4.0 typical
pF
I/O Pins
5.5 typical
5.5 typical


同様の部品番号 - 74LVC374A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC374A PHILIPS-74LVC374A Datasheet
101Kb / 12P
   Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
logo
STMicroelectronics
74LVC374A STMICROELECTRONICS-74LVC374A Datasheet
298Kb / 14P
   OCTAL D-TYPE FLIP-FLOP HIGH PERFORMANCE
logo
ON Semiconductor
74LVC374A ONSEMI-74LVC374A Datasheet
102Kb / 10P
   Low-Voltage CMOS Octal Buffer
September, 2015 ??Rev. 1
74LVC374A ONSEMI-74LVC374A Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Nexperia B.V. All right...
74LVC374A NEXPERIA-74LVC374A Datasheet
271Kb / 15P
   Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 5 - 27 August 2021
More results

同様の説明 - 74LVC374A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com