データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

BA-2405D2LF データシート(PDF) 3 Page - Bothhand USA, LP.

部品番号. BA-2405D2LF
部品情報  2 Watt Isolated DC-DC Converter
ダウンロード  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  BOTHHAND [Bothhand USA, LP.]
ホームページ  http://www.bothhandusa.com
Logo 

BA-2405D2LF Datasheet(HTML) 3 Page - Bothhand USA, LP.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BA-2 LF - Series
2 Watt Isolated DC-DC Converter
Isolation Resistance
500Vdc
1000
---
---
Isolation Capacitance
1KHz / 250mV rms
---
40
---
pF
Capacitive Load
2 Watt
---
---
330
μF
5 . General Specification
Parameter
Specification
Condition
Isolation Voltage
1000 Vdc
Test Duration 60 Seconds / 0.5 mA
Isolation Resistance
1000 MΩ Min.
@ 500 Vdc
Humidity
Up To 90 %
---
Cooling
Free Air Convection
---
Case Type
Plastic
---
6 . Ordering Information
BA-xxyyDD1H LF
Device Family
Input Voltage
Output Voltage
"S"For SIL Package;"D"For DIL Package
Output Power
"D"For Dual Output;Nothing For Single Output
RoHS Converter Certified By SGS
Suffix"H"For Isolation Voltage 3KVdc;
Nothing For Isolation Voltage 1KVdc
Bothhand USA
http://www.bothhandusa.com
sales@bothhandusa.com


Html ページ

1  2  3  4  5  6 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn