データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD-2405D2LF データシート(PDF) 2 Page - Bothhand USA, LP.

部品番号 BD-2405D2LF
部品情報  2 To 6 Watt Isolated DC-DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOTHHAND [Bothhand USA, LP.]
ホームページ  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

BD-2405D2LF データシート(HTML) 2 Page - Bothhand USA, LP.

  BD-2405D2LF Datasheet HTML 1Page - Bothhand USA, LP. BD-2405D2LF Datasheet HTML 2Page - Bothhand USA, LP. BD-2405D2LF Datasheet HTML 3Page - Bothhand USA, LP. BD-2405D2LF Datasheet HTML 4Page - Bothhand USA, LP. BD-2405D2LF Datasheet HTML 5Page - Bothhand USA, LP. BD-2405D2LF Datasheet HTML 6Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BD LF - Series
2 To 6 Watt Isolated DC-DC Converter
Single / Dual Output
Page
2
of
6
BD-2405S6 LF
5
1200
10
316
50
± 0.5
79
BD-2412S6 LF
12
500
13
313
100
± 0.5
80
BD-2415S6 LF
18~36
15
400
13
313
120
± 0.5
80
BD-4805S6 LF
5
1200
6
158
50
± 0.5
79
BD-4812S6 LF
36~75
12
500
8
154
100
± 0.5
81
4) 2 W Dual Output Series
BD-1205D2 LF
± 5
± 200
9
225
50
± 2
74
BD-1212D2 LF
9~18
±12
± 83
9
215
100
± 2
77
BD-2405D2 LF
±5
± 200
6
110
50
± 2
76
BD-2412D2 LF
18~36
±12
± 83
7
106
100
± 2
78
BD-4805D2 LF
±5
± 200
3
56
50
± 2
75
BD-4812D2 LF
36~75
±12
± 83
3
53
100
± 2
78
5) 4 W Dual Output Series
BD-123R3D4 LF
± 3.3
± 500
20
367
50
± 2
75
BD-1205D4 LF
9~18
± 5
± 400
22
439
50
± 2
76
BD-2405D4 LF
± 5
± 400
13
219
50
± 2
76
BD-2412D4 LF
± 12
± 167
15
209
100
± 2
79
BD-2415D4 LF
18~36
± 15
± 133
17
208
120
± 2
80
BD-4805D4 LF
± 5
± 400
10
108
50
± 2
80
BD-4812D4 LF
± 12
± 167
11
106
100
± 2
79
BD-4815D4 LF
36~75
± 15
± 133
12
104
120
± 2
80
6) 6 W Dual Output Series
BD-1205D6 LF
± 5
± 600
22
658
50
± 2
76
BD-1212D6 LF
9~18
± 12
± 250
25
633
100
± 2
79
BD-2405D6 LF
± 5
± 600
13
321
50
± 2
78
BD-2412D6 LF
± 12
± 250
14
317
100
± 2
79
BD-2415D6 LF
18~36
± 15
± 200
15
313
120
± 2
80
BD-4805D6 LF
± 5
± 600
10
162
50
± 2
77
BD-4812D6 LF
± 12
± 250
13
156
100
± 2
80
BD-4815D6 LF
36~75
± 15
± 200
14
156
120
± 2
80
Notes :
1. Load regulation is for output current change from 0% to 100% Max. Load.
3 . Absolute Maximum Ratings
(Exceeding these values may damage the module. These are not continuous operating ratings)
Parameter
Condition
Min.
Typ.
Max.
Unit
12V Input Model
-0.7
12
22.5
24V Input Model
-0.7
24
45
Input Absolute Voltage Range
48V Input Model
-0.7
48
90
Vdc
www.bothhandusa.com
978-887-8050
sales@bothhandusa.com


同様の部品番号 - BD-2405D2LF

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
BD-2405D2 BOTHHAND-BD-2405D2 Datasheet
485Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
More results

同様の説明 - BD-2405D2LF

メーカー部品番号データシート部品情報
logo
Bothhand USA, LP.
BP-LF-SERIES BOTHHAND-BP-LF-SERIES Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BDLF BOTHHAND-BDLF Datasheet
759Kb / 6P
   2 To 6 Watt Isolated DC-DC Converter
BPLF BOTHHAND-BPLF Datasheet
793Kb / 7P
   2 To 6 Watt Isolated DC-DC Converter
BP-2405S2 BOTHHAND-BP-2405S2 Datasheet
483Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
BD-1205S2 BOTHHAND-BD-1205S2 Datasheet
485Kb / 5P
   2 to 6 Watt Isolated DC-DC Converter Single / Dual Output
BA-2LF BOTHHAND-BA-2LF Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
B9LF BOTHHAND-B9LF Datasheet
183Kb / 5P
   2 Watt Isolated DC-DC Converter
BA-2-LF-SERIES BOTHHAND-BA-2-LF-SERIES Datasheet
342Kb / 6P
   2 Watt Isolated DC-DC Converter
BA-SH-LF-SERIES BOTHHAND-BA-SH-LF-SERIES Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
BA-SHLF BOTHHAND-BA-SHLF Datasheet
437Kb / 7P
   0.5 To 1 Watt Isolated DC-DC Converter
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com