データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U1583B データシート(PDF) 5 Page - Agilent(Hewlett-Packard)

部品番号 U1583B
部品情報  Agilent U1240 Series Handheld Digital Multimeters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1583B データシート(HTML) 5 Page - Agilent(Hewlett-Packard)

  U1583B Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1583B Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
4
Electrical Specifications
Switch counter definition
Switch condition1, 2
Circuit switch
Display3
Switch threshold
Low level
Normally close
Lo
< 370 ohms
Intermittent4
Close to open
Number of switch count
Low to high transition
High level
Normally open
Hi
> 430 ohms
Intermittent5
Open to close
Number of switch count
High to low transition
1. Detects intermittent Opens or Closes lasting for at least 250 μsec.
2. Test current of 0.5 mA with maximum open circuit voltage of 2.8 V is used.
3. Maximum count reading: 199.99 M (display “OL” when achieving 2 x 108 and thereafter).
4. Count only low to high transition for initial switch condition of Low.
5. Count only high to low transition for initial switch condition of High.
Frequency specifications
Range
Resolution
Accuracy
Minimum input frequency
100.00 Hz
0.01 Hz
0.03%+3
1 Hz
1000.0 Hz
0.1 Hz
10.000 kHz
0.001 kHz
100.00 kHz
0.01 kHz
1000.0 kHz1
0.1 kHz
1. Effective frequency measurement of up to 200 kHz; refer to frequency sensitivity table below for details.
Frequency sensitivity during voltage measurement
Input range (Maximum input for specified accuracy =
10 x Range or 1000 V)
Minimum sensitivity (RMS sine wave)
20 Hz to 50 kHz
50 to 200 kHz
1000.0 mV
0.3 V
0.6 V
10.000 V
0.5 V
1.8 V
100.00 V
5 V
10 V (< 100 kHz)
1000.0 V
50 V
100 V (< 100 kHz)
Frequency sensitivity during current measurement
Input range
Minimum sensitivity (RMS sine wave)
20 Hz to 20 kHz
1000.0 µA
100 µA
10000 µA
500 µA
100.00 mA
10 mA
440.00 mA
50 mA
10.000 A
1 A


同様の部品番号 - U1583B

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
U1583B HP-U1583B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1583B HP-U1583B Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1583B HP-U1583B Datasheet
1Mb / 11P
   U1600 Series Handheld Digital Oscilloscopes
More results

同様の説明 - U1583B

メーカー部品番号データシート部品情報
logo
Keysight Technologies
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1242C KEYSIGHT-U1242C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
U1250 HP-U1250 Datasheet
2Mb / 19P
   Agilent U1250 Series Handheld Digital Multimeters
U1270 HP-U1270 Datasheet
518Kb / 19P
   Agilent U1270 Series Handheld Digital Multimeters
U1253B HP-U1253B Datasheet
562Kb / 14P
   Agilent U1250 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
   Handheld Digital Multimeters
logo
B&K Precision Corporati...
388B BK-388B Datasheet
1Mb / 2P
   Handheld Digital Multimeters
logo
Keysight Technologies
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
   U1280 Series Handheld Digital Multimeters
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com