データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4968-1M データシート(PDF) 9 Page - Infineon Technologies AG

部品番号 TLE4968-1M
部品情報  High Precision Automotive Hall Effect Switch
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4968-1M データシート(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4968-1M Datasheet HTML 5Page - Infineon Technologies AG TLE4968-1M Datasheet HTML 6Page - Infineon Technologies AG TLE4968-1M Datasheet HTML 7Page - Infineon Technologies AG TLE4968-1M Datasheet HTML 8Page - Infineon Technologies AG TLE4968-1M Datasheet HTML 9Page - Infineon Technologies AG TLE4968-1M Datasheet HTML 10Page - Infineon Technologies AG TLE4968-1M Datasheet HTML 11Page - Infineon Technologies AG TLE4968-1M Datasheet HTML 12Page - Infineon Technologies AG TLE4968-1M Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TLE4968-1M
Functional Description
Data Sheet
9
Revision 1.0, 2013-04-07
2.4
Block Diagram
Figure 2-2
Functional Block Diagram TLE4968-1M
2.5
Functional Block Description
The chopped Hall IC switch comprises a Hall probe, bias generator, compensation circuits, oscillator and output
transistor.
The bias generator provides currents for the Hall probe and the active circuits. Compensation circuits stabilize the
temperature behavior and reduce influence of technology variations.
The active error compensation (chopping technique) rejects offsets in the signal path and the influence of
mechanical stress to the Hall probe caused by molding and soldering processes and other thermal stress in the
package. The chopped measurement principle together with the threshold generator and the comparator ensures
highly accurate and temperature stable magnetic thresholds.
The output transistor has an integrated overcurrent and overtemperature protection.
Voltage
Regulator
Bias and
Compensation
Circuits
Oscillator and
Sequencer
To All Subcircuits
Spinning Hall
Probe
Amplifier
Low Pass
Filter
Comparator
with
Hysteresis
Control
Overtemperature
& overcurrent
protection
GND
Q
VDD
Reference


同様の部品番号 - TLE4968-1M

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4968-1K INFINEON-TLE4968-1K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-07-10
TLE4968-1L INFINEON-TLE4968-1L Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2011-07-18
More results

同様の説明 - TLE4968-1M

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4964-5M INFINEON-TLE4964-5M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-01-15
TLE4964-1M INFINEON-TLE4964-1M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2012-07-20
TLE4964-6M INFINEON-TLE4964-6M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-07-05
TLE4964-4M INFINEON-TLE4964-4M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2013-05-07
TLE4964-3M INFINEON-TLE4964-3M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2012-12-18
TLE4964-2M INFINEON-TLE4964-2M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Switch
Revision 1.0, 2012-07-20
TLI4965-5M INFINEON-TLI4965-5M_15 Datasheet
691Kb / 17P
   High Precision Automotive Hall Effect Switch
Rev. 1.0, 2015-07-21
TLE4966H INFINEON-TLE4966H Datasheet
180Kb / 11P
   High Precision Hall-Effect Switch
2003-11-20
TLE4906-2K INFINEON-TLE4906-2K Datasheet
1Mb / 16P
   High Precision Hall-Effect Switch
Rev 1.0, 2010-12
TLE4906K INFINEON-TLE4906K Datasheet
809Kb / 17P
   High Precision Hall Effect Switch
2009-01, V 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com