データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7210V データシート(PDF) 5 Page - Infineon Technologies AG

部品番号 TDA7210V
部品情報  ASK/FSK Single Conversion Receiver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA7210V データシート(HTML) 5 Page - Infineon Technologies AG

  TDA7210V_10 Datasheet HTML 1Page - Infineon Technologies AG TDA7210V_10 Datasheet HTML 2Page - Infineon Technologies AG TDA7210V_10 Datasheet HTML 3Page - Infineon Technologies AG TDA7210V_10 Datasheet HTML 4Page - Infineon Technologies AG TDA7210V_10 Datasheet HTML 5Page - Infineon Technologies AG TDA7210V_10 Datasheet HTML 6Page - Infineon Technologies AG TDA7210V_10 Datasheet HTML 7Page - Infineon Technologies AG TDA7210V_10 Datasheet HTML 8Page - Infineon Technologies AG TDA7210V_10 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
TDA7210V
Product Description
Data Sheet
5
Revision 1.1, 2010-06-18
1
Product Description
1.1
Overview
The IC is a very low power consumption single chip FSK/ASK Superheterodyne Receiver (SHR) for the frequency
bands 810 to 870 MHz and 400 to 440 MHz. The IC offers a high level of integration and needs only a few external
components. The device contains a low noise amplifier (LNA), a double balanced mixer, a fully integrated VCO, a
PLL synthesiser, a crystal oscillator, a limiter with RSSI generator, a PLL FSK demodulator, a data filter, a data
comparator (slicer) and a peak detector. Additionally there is a power down feature to save battery life.
1.2
Features
Main features:
Selectable frequency ranges 810-870 MHz and 400-440 MHz
Low supply current (at 434 MHz Is = 5.7 mA typ. FSK mode, 5.0 mA typ. ASK mode)
Power down mode with very low supply current (50 nA typ.)
FSK and ASK demodulation capability
RF input sensitivity ASK/FSK typ. –115 dBm/–112 dBm @ 1 kbit/s RF=434 MHz
RF input sensitivity ASK/FSK typ. –111 dBm/–111 dBm @ 1 kbit/s RF=868 MHz
Fully integrated VCO and PLL Synthesiser
Limiter with RSSI generation, operating at 10.7 MHz
Selectable reference frequency
2nd order low pass data filter with external capacitors
Data slicer with self-adjusting threshold
Supply voltage range 5 V ±10%
1.3
Application
The TDA7210V is suitable for any kind of remote control system especially for low data rate wireless applications
where low current consumption is important and where the line-of-sight limitation is driving the infra-red to RF
replacement.
Main applications:
Home automation
- Lighting Control
- Curtain, Roller Blind Control
- Air Condition Control
Set-top-boxes
Garage Door Openers
Alarm Systems
Wireless Toys
Remote Keyless Entry Systems


同様の部品番号 - TDA7210V_10

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TDA7210V INFINEON-TDA7210V Datasheet
299Kb / 2P
   ASK/FSK Receiver for the 434 and 868MHz frequency bands in a tiny VQFN package
More results

同様の説明 - TDA7210V_10

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
   ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
TDA5221 INFINEON-TDA5221 Datasheet
705Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA7200 INFINEON-TDA7200 Datasheet
1Mb / 49P
   ASK/FSK Single Conversion Receiver
V 1.0, May 2007
TDA5220 INFINEON-TDA5220 Datasheet
719Kb / 44P
   ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5210 INFINEON-TDA5210 Datasheet
1Mb / 53P
   ASK/FSK Single Conversion Receiver
Version 3.0 May 2001
TDA5212 INFINEON-TDA5212 Datasheet
1Mb / 51P
   ASK/FSK 915MHz Single Conversion Receiver
Version 1.1 May 2003
TDA5212 INFINEON-TDA5212_06 Datasheet
724Kb / 49P
   ASK/FSK 915MHz Single Conversion Receiver
Version 1.3 December 2006
TDA7210 INFINEON-TDA7210 Datasheet
1Mb / 52P
   Wireless Components ASK/FSK Single Conversion Receiver
Version 1.0 Dec 2008
TDA5200 INFINEON-TDA5200 Datasheet
911Kb / 43P
   ASK Single Conversion Receiver
Version 2.7 March 2000
TDA5200 INFINEON-TDA5200_10 Datasheet
1Mb / 39P
   ASK Single Conversion Receiver
Revision 3.0, 2010-12-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com