データシートサーチシステム |
|
STK5F1U3E2D-E データシート(PDF) 10 Page - ON Semiconductor |
|
STK5F1U3E2D-E データシート(HTML) 10 Page - ON Semiconductor |
10 / 15 page STK5F1U3E2D-E No.A2228-10/15 Recommended Operating Conditions at Tc = 25C Parameter Symbol Conditions Ratings Unit Min Typ Max Supply voltage VCC P to N 0 280 450 V Pre-driver supply voltage VD1, 2, 3 VB1 to VS1, VB2 to VS2, VB3 to VS3 12.5 15 17.5 V VD4 VDD to VSS *1 13.5 15 16.5 Input ON voltage VIN(ON) HIN1, HIN2, HIN3, LIN1, LIN2, LIN3 3.0 - VDD V Input OFF voltage VIN(OFF) 0 - 0.8 PWM frequency fPWM 1 - 20 kHz Dead time DT Turn-off to turn-on (external) 2 - - μs Allowable input pulse width PWIN ON pulse width/OFF pulse width 1 - - μs Tightening torque MT ‘M4’ type screw 0.79 - 1.17 Nm *1 Pre-driver power supply (VD4=15±1.5V) must have the capacity of Io=20mA (DC), 0.5A (Peak). Usage Precautions 1. This IPM includes bootstrap diode and resistors. Therefore, by adding a capacitor “CB”, a high side drive voltage is generated; each phase requires an individual bootstrap capacitor. The recommended value of CB is in the range of 1 to 47μF, however this value needs to be verified prior to production. If selecting the capacitance more than 47μF (±20%), connect a resistor (about 20Ω) in series between each 3-phase upper side power supply terminals (VB1,2,3) and each bootstrap capacitor. When not using the bootstrap circuit, each upper side pre-drive power supply requires an external independent power supply. 2. It is essential that wirning length between terminals in the snubber circuit be kept as short as possible to reduce the effect of surge voltages. Recommended value of “CS” is in the range of 0.1 to 10μF. 3. “ISO” (pin17) is terminal for current monitor. When the pull-down resistor is used, please select it more than 5.6kΩ. 4. “FAULT” (pin16) is open DRAIN output terminal. (Active Low). Pull up resistor is recommended more than 5.6kΩ. 5. Inside the IPM, a thermistor used as the temperature monitor for internal subatrate is connected between VSS terminal and TH terminal, therefore, an external pull up resistor connected between the TH terminal and an external power supply should be used. The temperature monitor example application is as follows, please refer the Fig.11, and Fig.12 below. 6. The pull down resistor of 33kΩ is provided internally at the signal input terminals. An external resistor of 2.2k to 3.3kΩ should be added to reduce the influence of external wiring noise. 7. The over-current protection feature is not intended to protect in exceptional fault condition. An external fuse is recommended for safety. 8. When “N” and “VSS” terminal are short-circuited on the outside, level that over-current protection (ISD) might be changed from designed value as IPM. Please check it in your set (“N” terminal and “VSS” terminal are connected in IPM). 9. The over-current protection function operates normally when an external resistor RSD is connected between ISD and VSS terminals. Be sure to connect this resistor. The level of the overcurrent protection can be changed according to the RSD value. 10. When input pulse width is less than 1.0μs, an output may not react to the pulse. (Both ON signal and OFF signal) This data shows the example of the application circuit, does not guarantee a design as the mass production set. Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended Operating Ranges limits may affect device reliability. |
同様の部品番号 - STK5F1U3E2D-E |
|
同様の説明 - STK5F1U3E2D-E |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |