データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK5Q4U340J-E データシート(PDF) 5 Page - ON Semiconductor

部品番号 STK5Q4U340J-E
部品情報  Intelligent Power Module (IPM)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5Q4U340J-E データシート(HTML) 5 Page - ON Semiconductor

  STK5Q4U340J-E Datasheet HTML 1Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 2Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 3Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 4Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 5Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 6Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 7Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 8Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STK5Q4U340J-E
www.onsemi.com
5
ABSOLUTE MAXIMUM RATINGS (Notes 1, 2)
1.
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device
functionality should not be assumed, damage may occur and reliability may be affected.
2.
Refer to ELECTRICAL CHARACTERISTICS, RECOMMENDED OPERATING RANGES and/or APPLICATION INFORMATION for
Safe Operating parameters.
3.
This surge voltage developed by the switching operation due to the wiring inductance between VP and NU,NV,NW terminals.
4.
VBS = VBU to U, VBV to V, VBW to W.
5.
Test conditions : AC 2500 V, 1 s
RECOMMENDED OPERATING RANGES (Note 6)
6.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to
stresses beyond the Recommended Operating Ranges limits may affect device reliability.
Rating
Symbol
Conditions
Value
Unit
Supply voltage
VCC
VP to NU, NV, NW, surge < 500 V
(Note 3)
450
V
Collector-emitter voltage
VCE max
VP to U, V, W ; U to NU ; V to NV ; W to NW
600
V
Output current
Io
VP, U, V, W, NU, NV, NW terminal current
±5
A
VP, U, V, W, NU, NV, NW terminal current,
Tc = 100
C
±2.5
A
Output peak current
Iop
VP, U, V, W, NU, NV, NW terminal current,
pulse width 1 ms
±10
A
Gate driver supply voltages
VDD,VBS
VBU to U, VBV to V, VBW to W, VDD to GND
(Note 4)
0.3 to +20.0
V
Input signal voltage
VIN
HINU, HINV, HINW, LINU, LINV, LINW
0.3 to VDD
V
FAULT terminal voltage
VFAULT
FAULT terminal
0.3 to VDD
V
RCIN terminal voltage
VRCIN
RCIN terminal
0.3 to VDD
V
ITRIP terminal voltage
VITRIP
ITRIP terminal
0.3 to +10.0
V
ENABLE terminal voltage
VENABLE
ENABLE terminal
0.3 to VDD
V
Maximum power dissipation
Pd
IGBT per 1 channel
(25)
W
Junction temperature
Tj
IGBT, Gate driver IC
150
C
Storage temperature
Tstg
40 to +125
C
Operating case temperature
Tc
IPM case temperature
20 to +100
C
Package mounting torque
Case mounting screw
0.6
Nm
Isolation voltage
Vis
50 Hz sine wave AC 1 minute
(Note 5)
2000
Vrms
Rating
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
VP to NU, NV, NW
0
280
400
V
Gate driver supply voltage
VBS
VBU to U, VBV to V, VBW to W
12.5
15
17.5
V
VDD
VDD to GND (Note 4)
13.5
15
16.5
V
ON-state input voltage
VIN(ON)
HINU, HINV, HINW, LINU, LINV, LINW
3.0
5.0
V
OFF-state input voltage
VIN(OFF)
0
0.3
V
PWM frequency
fPWM
1
20
kHz
Dead time
DT
Turn-off to turn-on (external)
1
μs
Allowable input pulse width
PWIN
ON and OFF
1
μs
Package mounting torque
‘M3’ type screw
0.4
0.6
Nm


同様の部品番号 - STK5Q4U340J-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
STK5Q4U352J ONSEMI-STK5Q4U352J Datasheet
646Kb / 15P
   Intelligent Power Module (IPM) 600 V, 8 A
October 2016 - Rev. P3
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
646Kb / 15P
   Intelligent Power Module (IPM) 600 V, 8 A
October 2016 - Rev. P3
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
More results

同様の説明 - STK5Q4U340J-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5C4U332J-E ONSEMI-STK5C4U332J-E Datasheet
729Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P4
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com