データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK5Q4U340J-E データシート(PDF) 4 Page - ON Semiconductor

部品番号 STK5Q4U340J-E
部品情報  Intelligent Power Module (IPM)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5Q4U340J-E データシート(HTML) 4 Page - ON Semiconductor

  STK5Q4U340J-E Datasheet HTML 1Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 2Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 3Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 4Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 5Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 6Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 7Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 8Page - ON Semiconductor STK5Q4U340J-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
STK5Q4U340J-E
www.onsemi.com
4
PIN FUNCTION DESCRIPTION
Pin
Name
Description
1
GND
Negative Main Supply
2
VDD
+15 V Main Supply
3
HINU
Logic Input High Side Gate Driver - Phase U
4
HINV
Logic Input High Side Gate Driver - Phase V
5
HINW
Logic Input High Side Gate Driver - Phase W
6
LINU
Logic Input Low Side Gate Driver - Phase U
7
LINV
Logic Input Low Side Gate Driver - Phase V
8
LINW
Logic Input Low Side Gate Driver - Phase W
9
FAULT
Fault output
10
ITRIP
Current protection pin
11
ENABLE
Enable input
12
RCIN
R, C connection terminal for setting FAULT clear time
13
TH1
Thermistor output 1
14
TH2
Thermistor output 2
17
NU
Low Side Emitter Connection - Phase U
18
NV
Low Side Emitter Connection - Phase V
19
NW
Low Side Emitter Connection - Phase W
20
W
W phase output. Internally connected to W phase high side driver ground
22
VBW
High Side Floating Supply Voltage for W phase
26
V
V phase output. Internally connected to V phase high side driver ground
28
VBV
High Side Floating Supply voltage for V phase
32
U
U phase output. Internally connected to U phase high side driver ground
34
VBU
High Side Floating Supply voltage for U phase
38
VP
Positive Bus Input Voltage
Note : Pins 15, 16, 21, 23, 24, 25, 27, 29, 30, 31, 33, 35, 36, 37 are not present


同様の部品番号 - STK5Q4U340J-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
STK5Q4U352J ONSEMI-STK5Q4U352J Datasheet
646Kb / 15P
   Intelligent Power Module (IPM) 600 V, 8 A
October 2016 - Rev. P3
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
646Kb / 15P
   Intelligent Power Module (IPM) 600 V, 8 A
October 2016 - Rev. P3
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
More results

同様の説明 - STK5Q4U340J-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5C4U332J-E ONSEMI-STK5C4U332J-E Datasheet
729Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P4
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCG0D-E ONSEMI-STK5U4UCG0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com