データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STK5U4UCG0D-E データシート(PDF) 11 Page - ON Semiconductor

部品番号 STK5U4UCG0D-E
部品情報  Intelligent Power Module (IPM)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK5U4UCG0D-E データシート(HTML) 11 Page - ON Semiconductor

Back Button STK5U4UCG0D-E Datasheet HTML 6Page - ON Semiconductor STK5U4UCG0D-E Datasheet HTML 7Page - ON Semiconductor STK5U4UCG0D-E Datasheet HTML 8Page - ON Semiconductor STK5U4UCG0D-E Datasheet HTML 9Page - ON Semiconductor STK5U4UCG0D-E Datasheet HTML 10Page - ON Semiconductor STK5U4UCG0D-E Datasheet HTML 11Page - ON Semiconductor STK5U4UCG0D-E Datasheet HTML 12Page - ON Semiconductor STK5U4UCG0D-E Datasheet HTML 13Page - ON Semiconductor STK5U4UCG0D-E Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STK5U4UCG0D-E
www.onsemi.com
11
TYPICAL CHARACTERISTICS
Figure 8. IC versus VCE for different VD
Figure 9. IC versus VCE for different VD
Figure 10. IF versus VF for different temperatures
Figure 11. IGBT thermal impedance plot
Figure 12. ton versus IC for different temperatures
Figure 13. toff versus IC for different temperatures
Figure 14. Eon versus IC for different temperatures
Figure 15. Eoff versus IC for different temperatures
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
20406080
IC, COLLECTOR CURRENT (A)
VCC = 300V
VD = 15V
TJ = 25°C
TJ = 100°C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
20
406080
IC, COLLECTOR CURRENT (A)
VCC = 300V
VD = 15V
TJ = 25°C
TJ = 100°C
0
200
400
600
800
1000
1200
1400
1600
0
204060
80
IC, COLLECTOR CURRENT (A)
VCC = 300V
VD = 15V
TJ = 25°C
TJ = 100°C
0
50
100
150
200
250
300
350
400
450
0
2040
6080
IC, COLLECTOR CURRENT (A)
VCC = 300V
VD = 15V
TJ = 25°C
TJ = 100°C
0
20
40
60
80
100
120
140
160
180
00.511.522.533.5
VF, FORWARD VOLTAGE (V)
TJ = 25°C
TJ = 100°C
0
20
40
60
80
100
120
140
160
180
0
0.5
1
1.5
2
2.5
3
3.5
VCE, COLLECTOR-EMITTER VOLTAGE (V)
TJ = 100°C
VD = 13V
VD = 15V
VD = 17V
0
20
40
60
80
100
120
140
160
180
00.511.522.533.5
VCE, COLLECTOR-EMITTER VOLTAGE (V)
TJ = 25°C
VD = 13V
VD = 15V
VD = 17V
0.001
0.01
0.1
1
0.00001
0.001
0.1
10
1000
ON-PULSE WIDTH (s)


同様の部品番号 - STK5U4UCG0D-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results

同様の説明 - STK5U4UCG0D-E

メーカー部品番号データシート部品情報
logo
ON Semiconductor
STK5Q4U362J-E ONSEMI-STK5Q4U362J-E Datasheet
684Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCC0D-E ONSEMI-STK5U4UCC0D-E Datasheet
591Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK5U4UFB0D-E ONSEMI-STK5U4UFB0D-E Datasheet
599Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
STK534U342C-E ONSEMI-STK534U342C-E Datasheet
390Kb / 15P
   Intelligent Power Module (IPM)
September 2016 - Rev. 1
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
   IPM (Intelligent Power Module)
logo
ON Semiconductor
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
   Intelligent Power Module (IPM)
June, 2019 - Rev. 1
STK5C4U332J-E ONSEMI-STK5C4U332J-E Datasheet
729Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P4
STK5Q4U352J-E ONSEMI-STK5Q4U352J-E Datasheet
683Kb / 15P
   Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK5U4UCE0D-E ONSEMI-STK5U4UCE0D-E Datasheet
587Kb / 14P
   Intelligent Power Module (IPM)
September 2016 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com