データシートサーチシステム |
|
TPS718XX データシート(PDF) 11 Page - Texas Instruments |
|
TPS718XX データシート(HTML) 11 Page - Texas Instruments |
11 / 26 page Transient Response Undervoltage Lock-Out (UVLO) Power Dissipation Minimum Load THERMAL INFORMATION Thermal Protection P =(V V )xI - D IN OUT OUT (1) Package Mounting TPS718xx TPS719xx www.ti.com..................................................................................................................................................... SBVS088C – FEBRUARY 2007 – REVISED MAY 2008 As with any linear regulator, PSRR and transient Any tendency to activate the thermal protection circuit response are degraded as (VIN – VOUT) approaches indicates excessive power dissipation or an dropout. This effect is shown in Figure 13 and inadequate heatsink. For reliable operation, junction Figure 14 in the Typical Characteristics section. temperature should be limited to +125 °C maximum. To estimate the margin of safety in a complete design (including heatsink), increase the ambient temperature until the thermal protection is triggered; As with any regulator, increasing the size of the use worst-case loads and signal conditions. For good output capacitor will reduce over/undershoot reliability, thermal protection should trigger at least magnitude but increase duration of the transient +35 °C above the maximum expected ambient response. condition of your particular application. This configuration produces a worst-case junction temperature of +125 °C at the highest expected ambient temperature and worst-case load. The TPS718xx/TPS719xx utilize an undervoltage lock-out circuit to keep the output shut off until The internal protection circuitry of the internal circuitry is operating properly. The UVLO TPS718xx/TPS719xx has been designed to protect circuit has a de-glitch feature so that it typically against overload conditions. It was not intended to ignores undershoot transients on the input if they are replace proper heatsinking. Continuously running the less than 50 µs duration. On the TPS719xx, the active TPS718xx/TPS719xx into thermal shutdown pulldown discharges VOUT when the device is in degrades device reliability. UVLO off condition. However, the input voltage needs to be greater than 0.8V for active pulldown to work. The ability to remove heat from the die is different for each package type, presenting different The TPS718xx/TPS719xx are stable with no output considerations in the printed circuit board (PCB) load. Traditional PMOS LDO regulators suffer from layout. The PCB area around the device that is free lower loop gain at very light output loads. The of other components moves the heat from the device TPS718xx/TPS719xx employ an innovative, to the ambient air. Performance data for JEDEC low- low-current mode circuit under very light or no-load and high-K boards are given in the Dissipation conditions, resulting in improved output voltage Ratings table. Using heavier copper increases the regulation performance down to zero output current. effectiveness in removing heat from the device. The addition of plated through-holes to heat-dissipating layers also improves the heatsink effectiveness. Power dissipation depends on input voltage and load conditions. Power dissipation (PD) is equal to the Thermal protection disables the output when the product of the output current times the voltage drop junction temperature rises to approximately +160 °C, across the output pass element (VIN to VOUT), as allowing the device to cool. When the junction shown in Equation 1: temperature cools to approximately +140 °C the output circuitry is again enabled. Depending on power dissipation, thermal resistance, and ambient temperature, the thermal protection circuit may cycle on and off. This cycling limits the dissipation of the Solder pad footprint recommendations for the regulator, protecting it from damage due to TPS718xx/TPS719xxx are available from the Texas overheating. Instruments web site at www.ti.com. Copyright © 2007–2008, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Link(s): TPS718xx TPS719xx |
同様の部品番号 - TPS718XX_16 |
|
同様の説明 - TPS718XX_16 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |