データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS75418QPWP データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS75418QPWP
部品情報  TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75418QPWP データシート(HTML) 1 Page - Texas Instruments

  TPS75418QPWP Datasheet HTML 1Page - Texas Instruments TPS75418QPWP Datasheet HTML 2Page - Texas Instruments TPS75418QPWP Datasheet HTML 3Page - Texas Instruments TPS75418QPWP Datasheet HTML 4Page - Texas Instruments TPS75418QPWP Datasheet HTML 5Page - Texas Instruments TPS75418QPWP Datasheet HTML 6Page - Texas Instruments TPS75418QPWP Datasheet HTML 7Page - Texas Instruments TPS75418QPWP Datasheet HTML 8Page - Texas Instruments TPS75418QPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
Typical Application Circuit
PGor
RESET
OUT
OUT
4
3
5
IN
IN
EN
GND
17
6
8
9
V
IN
0.22 F
m
PGor RESET Output
V
OUT
47 F
m
+
C
OUT
(1)
SENSE
7
TPS752xxQ
TPS754xxQ
SLVS242C – MARCH 2000 – REVISED OCTOBER 2007
www.ti.com
TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output
FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
23
• 2-A Low-Dropout Voltage Regulator
The
TPS752xxQ
and
TPS754xxQ
devices
are
low-dropout regulators with integrated power-on reset
• Available in 1.5 V, 1.8 V, 2.5 V, 3.3 V Fixed
and power-good (PG) functions respectively. These
Output and Adjustable Versions
devices are capable of supplying 2 A of output
• Open Drain Power-On Reset With 100ms Delay
current with a dropout of 210 mV (TPS75233Q,
(TPS752xxQ)
TPS75433Q). Quiescent current is 75
μA at full load
• Open Drain Power-Good (PG) Status Output
and drops down to 1
μA when the device is disabled.
(TPS754xxQ)
These devices are designed to have fast transient
response for larger load current changes.
• Dropout Voltage Typically 210 mV at 2 A
(TPS75233Q)
Because the PMOS device behaves as a low-value
resistor, the dropout voltage is very low (typically
• Ultralow 75-μA Typical Quiescent Current
210 mV at an output current of 2 A for the
• Fast Transient Response
TPS75x33Q) and is directly proportional to the output
• 2% Tolerance Over Specified Conditions for
current.
Additionally,
because
the
PMOS
pass
Fixed-Output Versions
element is a voltage-driven device, the quiescent
current is very low and independent of output loading
• 20-Pin TSSOP PowerPAD™ (PWP) Package
(typically 75
μA over the full range of output current,
• Thermal Shutdown Protection
1 mA to 2 A). These two key specifications yield a
significant
improvement
in
operating
life
for
battery-powered systems.
• Telecom
The device is enabled when EN is connected to a
• Servers
low-level input voltage. This LDO family also features
• DSP, FPGA Supplies
a sleep mode; applying a TTL high signal to EN
(enable) shuts down the regulator, reducing the
quiescent current to less than 1
μA at TJ = +25°C.
blank
blank
(Fixed Voltage Options)
(1)
See Application Information for capacitor selection details.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - TPS75418QPWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75418QPWP TI-TPS75418QPWP Datasheet
379Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75418QPWP TI-TPS75418QPWP Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75418QPWP TI1-TPS75418QPWP Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75418QPWP TI1-TPS75418QPWP Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75418QPWPG4 TI-TPS75418QPWPG4 Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results

同様の説明 - TPS75418QPWP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75201 TI1-TPS75201 Datasheet
830Kb / 31P
[Old version datasheet]   TPS752xxQ with RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS752XXQ TI-TPS752XXQ Datasheet
833Kb / 31P
[Old version datasheet]   RESET Output, TPS754xxQ with Power Good Output FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI1-TPS751XXQ_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS751XXQ TI-TPS751XXQ Datasheet
832Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75101 TI1-TPS75101 Datasheet
830Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI-TPS75201-Q1 Datasheet
398Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI1-TPS775XX_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501 TI-TPS77501_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com