データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS75501KTTRG3 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS75501KTTRG3
部品情報  FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75501KTTRG3 データシート(HTML) 1 Page - Texas Instruments

  TPS75501KTTRG3 Datasheet HTML 1Page - Texas Instruments TPS75501KTTRG3 Datasheet HTML 2Page - Texas Instruments TPS75501KTTRG3 Datasheet HTML 3Page - Texas Instruments TPS75501KTTRG3 Datasheet HTML 4Page - Texas Instruments TPS75501KTTRG3 Datasheet HTML 5Page - Texas Instruments TPS75501KTTRG3 Datasheet HTML 6Page - Texas Instruments TPS75501KTTRG3 Datasheet HTML 7Page - Texas Instruments TPS75501KTTRG3 Datasheet HTML 8Page - Texas Instruments TPS75501KTTRG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
TPS75515, TPS75518, TPS75525, TPS75533 WITH POWER GOOD AND
TPS75501 FAST TRANSIENT RESPONSE 5A LOW DROPOUT
VOLTAGE REGULATORS
SLVS293D − NOVEMBER 2000 − REVISED MAY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 5-A Low-Dropout Voltage Regulator
D Available in 1.5-V, 1.8-V, 2.5-V, and 3.3-V
Fixed-Output and Adjustable Versions
D Open Drain Power-Good (PG) Status
Output (Fixed Options Only)
D Dropout Voltage Typically 250 mV at 5 A
(TPS75533)
D Low 125 µA Typical Quiescent Current
D Fast Transient Response
D 3% Tolerance Over Specified Conditions for
Fixed-Output Versions
D Available in 5-Pin TO−220 and TO−263
Surface-Mount Packages
D Thermal Shutdown Protection
description
The TPS755xx family of 5-A low dropout (LDO) regulators contains four fixed voltage option regulators with
integrated power-good (PG) and an adjustable voltage option regulator. These devices are capable of supplying
5 A of output current with a dropout of 250 mV (TPS75533). Therefore, the device is capable of performing a
3.3-V to 2.5-V conversion. Quiescent current is 125
µA at full load and drops down to less than 1 µA when the
device is disabled. The TPS755xx is designed to have fast transient response for large load current changes.
t − Time −
µs
TPS75515
LOAD TRANSIENT RESPONSE
−100
0
060
40
20
80 100
140
120
160 180 200
0
50
−50
VO = 1.5 V
Co = 100 µF
−150
5
di
dt
+ 1.25 A
ms
100
150
0
50
100
150
200
250
300
350
400
−40 −25 −10
5
20
35
50
65
80
95
110 125
TJ − Junction Temperature − °C
TPS75533
DROPOUT VOLTAGE
vs
JUNCTION TEMPERATURE
IO = 5 A
VO = 3.3 V
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TO−220 (KC) PACKAGE
(TOP VIEW)
1
2
3
4
5
EN
IN
GND
OUTPUT
FB/PG
1
TO−263 (KTT) PACKAGE
(TOP VIEW)
2
3
4
5
EN
IN
GND
OUTPUT
FB/PG
Tab is GND
Tab is GND
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


同様の部品番号 - TPS75501KTTRG3

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75501KTTRG3 TI1-TPS75501KTTRG3 Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

同様の説明 - TPS75501KTTRG3

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI-TPS75515 Datasheet
373Kb / 23P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75525 TI-TPS75525 Datasheet
370Kb / 27P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75618KTTTG3 TI1-TPS75618KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601 TI1-TPS75601 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515KTTT TI1-TPS75515KTTT Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75625 TI-TPS75625 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com