データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS75315-Q1 データシート(PDF) 8 Page - Texas Instruments

部品番号 TPS75315-Q1
部品情報  FAMST-TRANSIENT-RESPONSE 1.5A LOW-DROPOUT VOLTAGE REGULATORS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75315-Q1 データシート(HTML) 8 Page - Texas Instruments

Back Button TPS75315-Q1 Datasheet HTML 4Page - Texas Instruments TPS75315-Q1 Datasheet HTML 5Page - Texas Instruments TPS75315-Q1 Datasheet HTML 6Page - Texas Instruments TPS75315-Q1 Datasheet HTML 7Page - Texas Instruments TPS75315-Q1 Datasheet HTML 8Page - Texas Instruments TPS75315-Q1 Datasheet HTML 9Page - Texas Instruments TPS75315-Q1 Datasheet HTML 10Page - Texas Instruments TPS75315-Q1 Datasheet HTML 11Page - Texas Instruments TPS75315-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
TPS75101EP, '75115EP, '75118EP, '75125EP, '75133EP WITH POWER GOOD
TPS75301EP, TPS75315EP, TPS75318EP, TPS75325EP, TPS75333EP WITH RESET
FAST TRANSIENT RESPONSE 1.5A LOW DROPOUT VOLTAGE REGULATORS
SGLS158 − APRIL 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range (TJ = −40°C to
125
°C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 47 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Adjustable
1.5 V
≤ VO ≤ 5 V,
TJ = 25°C
VO
Adjustable
Voltage
1.5 V
≤ VO ≤ 5 V
0.98 VO
1.02 VO
1.5 V Output
TJ = 25°C,
2.7 V < VIN < 5 V
1.5
1.5 V Output
2.7 V < VIN < 5 V
1.470
1.530
Output voltage
1.8 V Output
TJ = 25°C,
2.8 V < VIN < 5 V
1.8
V
Output voltage
(see Notes 1 and 3)
1.8 V Output
2.8 V < VIN < 5 V
1.764
1.836
V
(see Notes 1 and 3)
2.5 V Output
TJ = 25°C,
3.5 V < VIN < 5 V
2.5
2.5 V Output
3.5 V < VIN < 5 V
2.450
2.550
3.3 V Output
TJ = 25°C,
4.3 V < VIN < 5 V
3.3
3.3 V Output
4.3 V < VIN < 5 V
3.234
3.366
Quiescent current (GND current) (see Note 2)
TJ = 25°C,
See Note 3
75
A
Quiescent current (GND current) (see Note 2)
See Note 3
125
µA
Output voltage line regulation (
∆VO/VO)
(see Notes 1 and 2)
VO + 1 V < VI ≤ 5 V,
TJ = 25°C
0.01
%/V
(see Notes 1 and 2)
Output voltage line regulation (
∆VO/VO)
(see Notes 1 and 2)
VO + 1 V < VI < 5 V
0.1
%/V
Load regulation (see Note 3)
1
mV
Output noise voltage
BW = 300 Hz to 50 kHz, VO = 1.5 V
CO = 100 µF,
TJ = 25°C
60
µVrms
Output current Limit
VO = 0 V
3.3
4.5
A
Thermal shutdown junction temperature
150
°C
Standby current
EN = VI,
TJ = 25°C,
1
µA
Standby current
EN = VI
10
µA
FB input current
TPS75x01Q
FB = 1.5 V
−1
1
µA
High level enable input voltage
2
V
Low level enable input voltage
0.7
V
Power supply ripple rejection (see Note 2)
f = 100 Hz,
CO = 100 µF,
TJ = 25°C,
See Note 1, IO = 1.5 A
63
dB
Minimum input voltage for valid PG
IO(PG) = 300µA,
V(PG) ≤ 0.8 V
1
1.3
V
PG
Trip threshold voltage
VO decreasing
80
86
%VO
PG
(TPS751xxQ)
Hysteresis voltage
Measured at VO
0.5
%VO
(TPS751xxQ)
Output low voltage
VI = 2.7 V,
IO(PG) = 1mA
0.15
0.4
V
Leakage current
V(PG) = 5 V
1
µA
NOTES:
1. Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum IN voltage 5 V.
2. If VO
1.8 V then Vimin = 2.7 V, Vimax = 5 V:
Line Reg. (mV)
+ % V
V
O
V
imax *
2.7 V
100
1000
If VO
2.5 V then Vimin = VO + 1 V, Vimax = 5 V:
Line Reg. (mV)
+ % V
V
O
V
imax *
V
O )
1V
100
1000
3. IO = 1 mA to 1.5 A


同様の部品番号 - TPS75315-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75315-Q1 TI1-TPS75315-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75315-Q1 TI1-TPS75315-Q1 Datasheet
448Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

同様の説明 - TPS75315-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS7A4501 TI1-TPS7A4501 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5A Low-Dropout Voltage Regulators
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS75833KCG3 TI-TPS75833KCG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI1-TPS75801_16 Datasheet
988Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com