データシートサーチシステム |
|
TPS75725 データシート(PDF) 7 Page - Texas Instruments |
|
TPS75725 データシート(HTML) 7 Page - Texas Instruments |
7 / 29 page TPS75715, TPS75718, TPS75725, TPS75733 WITH POWER GOOD AND TPS75701 FAST TRANSIENT RESPONSE 3A LOW DROPOUT VOLTAGE REGULATORS SLVS306E − NOVEMBER 2000 − REVISED FEBRUARY 2009 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating junction temperature range (TJ = −40°C to 125 °C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 100 µF (unless otherwise noted) (continued) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT Input current (EN) EN = VI −1 1 µA Input current (EN) EN = 0 V −1 0 1 µA High level EN input voltage 2 V Low level EN input voltage 0.7 V Dropout voltage, (3.3 V output) (see Note 4) IO = 3 A, VI = 3.2 V, TJ = 25°C 150 mV VO Dropout voltage, (3.3 V output) (see Note 4) IO = 3 A, VI = 3.2 V 300 mV VO Discharge transistor current VO = 1.5 V, TJ = 25°C 10 25 mA VI UVLO TJ = 25°C, VI rising 2.2 2.75 V VI UVLO hysteresis TJ = 25°C, VI falling 100 mV NOTE 4: IN voltage equals VO(typ) − 100 mV; TPS75715, TPS75718, and TPS75725 dropout voltage limited by input voltage range limitations (i.e., TPS75733 input voltage is set to 3.2 V for the purpose of this test). TYPICAL CHARACTERISTICS Table of Graphs FIGURE VO Output voltage vs Output current 2, 3 VO Output voltage vs Junction temperature 4, 5 Ground current vs Junction temperature 6 Power supply ripple rejection vs Frequency 7 Output spectral noise density vs Frequency 8 zo Output impedance vs Frequency 9 VDO Dropout voltage vs Input voltage 10 VDO Dropout voltage vs Junction temperature 11 VI Minimum required input voltage vs Output voltage 12 Line transient response 13, 15 Load transient response 14, 16 VO Output voltage and enable voltage vs Time (start-up) 17 Equivalent series resistance vs Output current 19, 20 |
同様の部品番号 - TPS75725 |
|
同様の説明 - TPS75725 |