データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS75618KC データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS75618KC
部品情報  FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75618KC データシート(HTML) 5 Page - Texas Instruments

  TPS75618KC Datasheet HTML 1Page - Texas Instruments TPS75618KC Datasheet HTML 2Page - Texas Instruments TPS75618KC Datasheet HTML 3Page - Texas Instruments TPS75618KC Datasheet HTML 4Page - Texas Instruments TPS75618KC Datasheet HTML 5Page - Texas Instruments TPS75618KC Datasheet HTML 6Page - Texas Instruments TPS75618KC Datasheet HTML 7Page - Texas Instruments TPS75618KC Datasheet HTML 8Page - Texas Instruments TPS75618KC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
www.ti.com
Line regulator (mV) + (%V)
V
O VImax * 2.8V
100
1000
Line regulator (mV) + (%V)
V
O VImax * VO ) 1V
100
1000
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS75601, TPS75615
TPS75618, TPS75625
TPS75633
SLVS329C – JUNE 2001 – REVISED MARCH 2004
MIN
MAX
UNIT
Input voltage, VI
(1)
2.8
5.5
V
Output voltage range, VO
1.22
5
V
Output current, IO
0
5
A
Operating virtual junction temperature, TJ
-40
125
°C
(1)
To calculate the minimum input voltage for your maximum output current, use the following equation: VI(min)= VO(max)+ VDO(max load).
over recommended operating junction temperature range (T
J = -40°C to 125°C), VI= VO (typ)+ 1 V, IO = 1 mA, EN = VI,
C
o = 100 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.22 V
≤ V
O≤ 5.5 V, TJ = 25°C
VO
Adjustable voltage
1.22 V
≤ V
O≤ 5.5 V
0.97 VO
1.03 VO
V
1.22 V
≤ V
O≤ 5.5 V, TJ = 0 to 125°C
(2)
0.97 VO
1.03 VO
TJ = 25°C, 2.8 V < VI < 5.5 V
1.5
1.5 V Output
V
2.8 V
≤ V
I≤ 5.5 V
1.455
1.545
Output voltage(1)
TJ = 25°C, 2.8 V < VI < 5.5 V
1.8
1.8 V Output
V
2.8 V
≤ V
I≤ 5.5 V
1.746
1.854
TJ = 25°C, 3.5 V < VI < 5.5 V
2.5
2.5 V Output
V
3.5 V
≤ V
I≤ 5.5 V
2.425
2.575
TJ = 25°C, 4.3 V < VI < 5.5 V
3.3
3.3 V Output
V
4.3 V
≤ V
I≤ 5.5 V
3.201
3.399
TJ = 25°C
125
Quiescent current (GND current) (1), (3)
µA
200
VO + 1 V≤ VI≤ 5.5 V, TJ = 25°C
0.04
Output voltage line regulation (
∆V
O/VO)
(3)
%/V
VO + 1 V ≤ VI < 5.5 V
0.1
Load regulation(1)
0.35
%/V
Output noise voltage
TPS75615
BW = 300 Hz to 50 kHz, TJ = 25°C, VI = 2.8 V
35
µVrms
Output current limit
VO = 0 V
5.5
10
14
A
Thermal shutdown junction temperature
150
°C
EN = 0
TJ = 25°C
0.1
µA
Standby current
EN = 0
10
µA
FB input current
TPS75601
FB = 1.5 V
-1
1
µA
Power supply ripple
TPS75615
f = 100 Hz, TJ= 25°C, VI = 2.8 V, IO = 5 A
60
dB
rejection
EN = VI
-1
1
µA
Input current (EN)
EN = 0 V
-1
0
1
µA
High level EN input voltage
2
V
Low level EN input voltage
0.7
V
(1)
IO = 1 mA to 5 A
(2)
The adjustable option operates with a 2% tolerance over TJ = 0 to 125°C.
(3)
If VO < 2.5 V then VImin = 2.8 V, VImax = 5.5 V:
If VO≥ 2.5 V then VImin = VO + 1 V, VImax = 5.5 V:
5


同様の部品番号 - TPS75618KC

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75618KC TI-TPS75618KC Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75618KC TI1-TPS75618KC Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75618KCG3 TI1-TPS75618KCG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

同様の説明 - TPS75618KC

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI-TPS75515 Datasheet
373Kb / 23P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75525 TI-TPS75525 Datasheet
370Kb / 27P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75618KTTTG3 TI1-TPS75618KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515 TI1-TPS75515_16 Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75515KTTT TI1-TPS75515KTTT Datasheet
1Mb / 29P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75625 TI-TPS75625 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com