データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS75815KTT データシート(PDF) 10 Page - Texas Instruments

部品番号 TPS75815KTT
部品情報  FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75815KTT データシート(HTML) 10 Page - Texas Instruments

Back Button TPS75815KTT Datasheet HTML 6Page - Texas Instruments TPS75815KTT Datasheet HTML 7Page - Texas Instruments TPS75815KTT Datasheet HTML 8Page - Texas Instruments TPS75815KTT Datasheet HTML 9Page - Texas Instruments TPS75815KTT Datasheet HTML 10Page - Texas Instruments TPS75815KTT Datasheet HTML 11Page - Texas Instruments TPS75815KTT Datasheet HTML 12Page - Texas Instruments TPS75815KTT Datasheet HTML 13Page - Texas Instruments TPS75815KTT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
DETAILED DESCRIPTION
Pin Functions
Enable (EN)
Feedback (FB)
Input Voltage (IN)
Output Voltage (OUTPUT)
APPLICATION INFORMATION
Programming the TPS75801 Adjustable LDO Regulator
V
O
+ VREF
1)
R1
R2
(1)
R1 +
V
O
V
REF
*1
R2
(2)
TPS75801
,, TPS758A01
TPS75815, TPS75818
TPS75825, TPS75833
SLVS330F – JUNE 2001 – REVISED APRIL 2007
The TPS758xx family includes four fixed-output voltage regulators (1.5V, 1.8V, 2.5V, and 3.3V), and an
adjustable regulator, the TPS75801 (adjustable from 1.22V to 5V). The bandgap voltage is typically 1.22V.
The EN terminal is an input which enables or shuts down the device. If EN is a low voltage level (< 0.7V), the
device will be in shutdown or sleep mode. When EN goes to a high voltage level (> 2V), the device will be
enabled.
FB is an input terminal used for the adjustable-output option and must be connected to the output terminal either
directly, in order to generate the minimum output voltage of 1.22V, or through an external feedback resistor
divider for other output voltages. The FB connection should be as short as possible. It is essential to route the
terminal so that it minimizes/avoids noise pickup. Adding RC networks between the FB terminal and VOUT to
filter noise is not recommended because it may cause the regulator to oscillate.
The VIN terminal is an input to the regulator.
The VOUTPUT terminal is an output from the regulator.
The output voltage of the TPS75801 adjustable regulator is programmed using an external resistor divider as
shown in Figure 20. The output voltage is calculated using:
Where:
VREF = 1.224V typ (the internal reference voltage).
Resistors R1 and R2 should be chosen for approximately 40
µA divider current. Lower value resistors can be
used but offer no inherent advantage and waste more power. Higher values should be avoided as leakage
currents at FB increase the output voltage error. The recommended design procedure is to choose R2 = 30.1k
to set the divider current at 40
µA and then calculate R1 using:
10
Submit Documentation Feedback


同様の部品番号 - TPS75815KTT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75815KTT TI-TPS75815KTT Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75815KTT TI-TPS75815KTT Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75815KTTR TI-TPS75815KTTR Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75815KTTR TI-TPS75815KTTR Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75815KTTRG3 TI-TPS75815KTTRG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
More results

同様の説明 - TPS75815KTT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75801 TI-TPS75801_15 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS75833KCG3 TI-TPS75833KCG3 Datasheet
916Kb / 26P
[Old version datasheet]   FAST-TRANSIENT RESPONSE, 3A, LOW-DROPOUT VOLTAGE REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com