データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS75725KC データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS75725KC
部品情報  TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75725KC データシート(HTML) 5 Page - Texas Instruments

  TPS75725KC Datasheet HTML 1Page - Texas Instruments TPS75725KC Datasheet HTML 2Page - Texas Instruments TPS75725KC Datasheet HTML 3Page - Texas Instruments TPS75725KC Datasheet HTML 4Page - Texas Instruments TPS75725KC Datasheet HTML 5Page - Texas Instruments TPS75725KC Datasheet HTML 6Page - Texas Instruments TPS75725KC Datasheet HTML 7Page - Texas Instruments TPS75725KC Datasheet HTML 8Page - Texas Instruments TPS75725KC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TPS75715, TPS75718, TPS75725, TPS75733 WITH POWER GOOD AND
TPS75701 FAST TRANSIENT RESPONSE 3A LOW DROPOUT
VOLTAGE REGULATORS
SLVS306E − NOVEMBER 2000 − REVISED FEBRUARY 2009
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
input voltage (IN)
The VIN terminal is an input to the regulator.
output voltage (OUTPUT)
The VOUTPUT terminal is an output to the regulator.
absolute maximum ratings over operating junction temperature range (unless otherwise noted)
Input voltage range, VI
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range at EN
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum PG voltage (fixed options only)
6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak output current
Internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Tables
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage, VO (OUTPUT, FB)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating junction temperature range, TJ
−40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD rating, HBM
2 kV
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD rating, CDM
500 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltage values are with respect to network terminal ground.
DISSIPATION RATING TABLE
PACKAGE
RθJC (°C/W)
RθJA (°C/W)§
TO−220
2
58.7¶
TO−263
2
38.7#
§ For both packages, the RθJA values were computed using JEDEC high K board (2S2P)
with 1 ounce internal copper plane and ground plane. There was no air flow across the
packages.
¶ RθJA was computed assuming a vertical, free standing TO-220 package with pins
soldered to the board. There is no heatsink attached to the package.
# RθJA was computed assuming a horizontally mounted TO-263 package with pins
soldered to the board. There is no copper pad underneath the package.
recommended operating conditions
MIN
MAX
UNIT
Input voltage, VI||
2.8
5.5
V
Output voltage range, VO
1.22
5
V
Output current, IO
0
3
A
Operating virtual junction temperature, TJ
−40
125
°C
|| To calculate the minimum input voltage for your maximum output current, use the following equation: VI(min) = VO(max) + VDO(max load).


同様の部品番号 - TPS75725KC

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75725KC TI-TPS75725KC Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75725KC TI-TPS75725KC Datasheet
856Kb / 28P
[Old version datasheet]   TPS75701 FAST-TRANSIENT REONSE 3-A LOW-DROPOUR
TPS75725KCG3 TI-TPS75725KCG3 Datasheet
856Kb / 28P
[Old version datasheet]   TPS75701 FAST-TRANSIENT REONSE 3-A LOW-DROPOUR
More results

同様の説明 - TPS75725KC

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75715 TI-TPS75715_15 Datasheet
836Kb / 29P
[Old version datasheet]   TPS75701 FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75715 TI-TPS75715 Datasheet
366Kb / 25P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815Q TI-TPS76815Q Datasheet
279Kb / 22P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76818 TI-TPS76818_15 Datasheet
1Mb / 27P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75301-Q1 TI1-TPS75301-Q1 Datasheet
557Kb / 31P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com