データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS75915KTTTG3 データシート(PDF) 9 Page - Texas Instruments

部品番号 TPS75915KTTTG3
部品情報  POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75915KTTTG3 データシート(HTML) 9 Page - Texas Instruments

Back Button TPS75915KTTTG3 Datasheet HTML 5Page - Texas Instruments TPS75915KTTTG3 Datasheet HTML 6Page - Texas Instruments TPS75915KTTTG3 Datasheet HTML 7Page - Texas Instruments TPS75915KTTTG3 Datasheet HTML 8Page - Texas Instruments TPS75915KTTTG3 Datasheet HTML 9Page - Texas Instruments TPS75915KTTTG3 Datasheet HTML 10Page - Texas Instruments TPS75915KTTTG3 Datasheet HTML 11Page - Texas Instruments TPS75915KTTTG3 Datasheet HTML 12Page - Texas Instruments TPS75915KTTTG3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
www.ti.com
TJ − Junction Temperature − °C
3.315
5
125
3.33
3.3
20
80
3.270
3.285
3.255
3.345
VI = 4.3 V
−40 −25
10
35
50
65
110
95
TJ − Junction Temperature − °C
1.470
1.485
1.455
1.530
VI = 2.8 V
1.5
1.515
1.545
−40
20
110
35
95
−25 −10
5
50
65
80
125
−40 −25 −10
5
20
35
50
65
80
95 110 125
TJ − Junction Temperature − °C
102
104
106
108
110
112
114
116
118
VI = 5 V
IO = 7.5 A
100k
10k
f − Frequency − Hz
70
60
50
40
30
20
10
0
90
80
1k
100
10
1M
IO = 1 mA
IO = 7.5 A
10M
VI = 4.3 V
Co = 100 µF
TJ = 25°C
TPS75901, TPS75915
TPS75918, TPS75925, TPS75933
SLVS318E – DECEMBER 2000 – REVISED MARCH 2004
TYPICAL CHARACTERISTICS (continued)
TPS75933
TPS75915
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 4.
Figure 5.
TPS759xx
TPS75933
GROUND CURRENT
POWER SUPPLY RIPPLE REJECTION
vs
vs
JUNCTION TEMPERATURE
FREQUENCY
Figure 6.
Figure 7.
9


同様の部品番号 - TPS75915KTTTG3

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75915KTTTG3 TI1-TPS75915KTTTG3 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

同様の説明 - TPS75915KTTTG3

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS75925 TI1-TPS75925_13 Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75901 TI-TPS75901 Datasheet
459Kb / 25P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75933KTT TI-TPS75933KTT Datasheet
1Mb / 30P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT RESPONSE 7.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-EP TI-TPS75201-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI1-TPS75201-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201-Q1 TI-TPS75201-Q1 Datasheet
398Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75801 TI-TPS75801 Datasheet
450Kb / 24P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 3-A LOW-DROPOUT VOLTAGE REGULATORS
TPS76815-EP TI-TPS76815-EP Datasheet
362Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS768XXQ TI-TPS768XXQ Datasheet
850Kb / 23P
[Old version datasheet]   FAST TRANSIENT RESPONSE, 1-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75601KTTTG3 TI-TPS75601KTTTG3 Datasheet
1Mb / 28P
[Old version datasheet]   FAST-TRANSIENT RESPONSE 5-A LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com