データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS-4-14YTC データシート(PDF) 3 Page - Copal Electronics

部品番号 CS-4-14YTC
部品情報  ROTARY SELECTOR SWITCHES (SMD)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COPAL [Copal Electronics]
ホームページ  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CS-4-14YTC データシート(HTML) 3 Page - Copal Electronics

  CS-4-14YTC Datasheet HTML 1Page - Copal Electronics CS-4-14YTC Datasheet HTML 2Page - Copal Electronics CS-4-14YTC Datasheet HTML 3Page - Copal Electronics CS-4-14YTC Datasheet HTML 4Page - Copal Electronics CS-4-14YTC Datasheet HTML 5Page - Copal Electronics CS-4-14YTC Datasheet HTML 6Page - Copal Electronics CS-4-14YTC Datasheet HTML 7Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CS-4
ROTARY SELECTOR SWITCHES (SMD)
STANDARD SPECIFICATIONS
Circuit type
Operating temperature range
Storage temperature range
Sealing
Net weight
1 pole 2 contacts
2 poles 2 contacts
1 pole 3 contacts
1 pole 4 contacts
−25 ~ 70 °C
−40 ~ 70 °C
Washable by “O” ring
※ Please refer to page 150, 151
Approx. 0.08 g (CS-4-12, CS-4-13)
Approx. 0.1 g (CS-4-14, CS-4-22)
Contact rating
Maximum current
Minimum current
Maximum voltage
Minimum voltage
Contact timing
Contact resistance
Insulation resistance
Dielectric strength
0.5 VA
100 mA
1
μA
16 V
20 mV
Non-shorting
100 m
Ω maximum
100 M
Ω (DC500 V) minimum
AC500 V, 60 s
MECHANICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
ENVIRONMENTAL CHARACTERISTICS
Reflow profile for soldering heat evaluation
Reflow : two times maximum
Peak : 250
Over 230 C
Pre Heating Zone
180 C
(C)
250
200
150
100
50
150 C
90 30 s
30 10 s
Soldering Zone
Heating time
C
+5
0
Vibration
Shock
Load life
Humidity (Steady state)
High temperature exposure
Low temperature exposure
Thermal shock
Amplitude 1.5 mm or
Acceleration 98 m/s2,
10-500-10 Hz,
3 directions for 2 h each
490 m/s2, 11 ms
6 directions for 3 times each
200 cycles minimum
DC16 V, 30 mA
40 °C, Relative humidity 90 ~ 95 %, 48 h
70 °C, 16 h
−40 °C, 16 h
−40 (0.5 h) ~ 70 °C (0.5 h), 5 cycles
No. of positions
Adjustment torque
Stopper strength
Stepping angle
2, 3, 4
10 mN·m {102 gf·cm} maximum
25 mN·m {255 gf·cm} minimum
45°
90° (CS-4-12X only)
245
± 3 °C, 2 ~ 3 s
Flow : 260
± 3 °C as the temperature
in a pot of molten solder,
immersion from head of ter-
minal to backside of board,
5 ~ 6 s, two times maximum
Reflow : Peak temperature 255 °C
(Please refer to the profile below.)
Manual soldering
:350
± 10 °C, 3 ~ 4 s
Soldering heat
Shear (Adhesion)
5 N {0.51 kgf}, 10 s
Substrate bending
Width 90 mm, bend 3 mm, 5 s, 1 time
Pull-off strength
5 N {0.51 kgf}, 10 s
{ } : Reference only


同様の部品番号 - CS-4-14YTC

メーカー部品番号データシート部品情報
logo
Coilcraft lnc.
CS-4-14NA COILCRAFT-CS-4-14NA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
CS-4-14NB COILCRAFT-CS-4-14NB Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
CS-4-14NTA COILCRAFT-CS-4-14NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
CS-4-14NTB COILCRAFT-CS-4-14NTB Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
More results

同様の説明 - CS-4-14YTC

メーカー部品番号データシート部品情報
logo
Copal Electronics
CS-7 COPAL-CS-7 Datasheet
590Kb / 5P
   ROTARY SELECTOR SWITCHES (SMD)
CS-32 COPAL-CS-32 Datasheet
767Kb / 6P
   ROTARY SELECTOR SWITCHES (SMD)
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
   ROTARY SELECTOR SWITCHES
logo
Copal Electronics
RS_SERIES COPAL-RS_SERIES Datasheet
887Kb / 5P
   ROTARY SELECTOR SWITCHES
SS-10 COPAL-SS-10 Datasheet
159Kb / 6P
   ROTARY SELECTOR SWITCHES
logo
List of Unclassifed Man...
S-2050 ETC2-S-2050 Datasheet
180Kb / 6P
   ROTARY SELECTOR SWITCHES
SA-7000 ETC2-SA-7000 Datasheet
592Kb / 14P
   ROTARY CODED SWITCHES (SMD)
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES SMD
logo
List of Unclassifed Man...
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
   ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
   ROTARY CODED SWITCHES (SMD)
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com