データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N3082 データシート(PDF) 1 Page - America Semiconductor, LLC

部品番号 1N3082
部品情報  SILICON RECTIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMERICASEMI [America Semiconductor, LLC]
ホームページ  http://americasemi.com
Logo AMERICASEMI - America Semiconductor, LLC

1N3082 データシート(HTML) 1 Page - America Semiconductor, LLC

  1N3082 Datasheet HTML 1Page - America Semiconductor, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1N3082
SILICONRECTIFIER
©2014AmericanMicrosemiconductor,Inc.
Specificationsaresubjecttochangewithoutnotice.
AerospaceMgmt.Sys.Cert.
AS/EN/JISQ9100:2009Rev.C
ISO9001:2008
CertNo.45325
133KingsRoad,
Madison,NewJersey07940
UnitedStatesofAmerica
Tel.1-973-377-9566,Fax.1-973-377-3078
www.americanmicrosemi.com
The1N3082isageneral
purposesiliconrectifier.
Part Number...........................................
1N3082
Status................................................
Active
Military Version
.........................call sales department
VRRM Peak (V)..........................................
200
IRM Max. (A) ..........................................
5.0u
@VR Cond. (V) .........................................
200
IRM Max. (A) ..........................................
200u
@Temp. Cond. (°C).....................................
150
IFSM Max. (A)..........................................
15
@tw Cond. (s) .........................................
8.3m
VFM Max. (V) ..........................................
1.0
@IFM Cond. (A) ........................................
750m
@Temp. Cond. (°C).....................................
25
IO Max. (A) ...........................................
500m
@Temp. Cond. (°C).....................................
150
TOper Max. (°C) ........................................
200
Package Style ........................................
DO-13
Mounting Profile Code
Through Hole


同様の部品番号 - 1N3082

メーカー部品番号データシート部品情報
logo
New Jersey Semi-Conduct...
1N3082 NJSEMI-1N3082 Datasheet
68Kb / 1P
   Si Rectifier , 200mA < I(0)/I
More results

同様の説明 - 1N3082

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
1N647-1 MICROSEMI-1N647-1 Datasheet
86Kb / 1P
   SILICON RECTIFIER
1N649-1 MICROSEMI-1N649-1 Datasheet
86Kb / 1P
   SILICON RECTIFIER
logo
Rectron Semiconductor
1N4001 RECTRON-1N4001 Datasheet
225Kb / 2P
   SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
IN3569-74 NJSEMI-IN3569-74 Datasheet
56Kb / 1P
   Silicon Rectifier
logo
Yangzhou yangjie electr...
ARS35A YANGJIE-ARS35A Datasheet
148Kb / 2P
   Silicon Rectifier
logo
New Jersey Semi-Conduct...
1N442 NJSEMI-1N442 Datasheet
88Kb / 1P
   Silicon Rectifier
logo
Zowie Technology Corpor...
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
   SILICON RECTIFIER
logo
Chenmko Enterprise Co. ...
RL151PT CHENMKO-RL151PT Datasheet
81Kb / 2P
   SILICON RECTIFIER
logo
Yangzhou yangjie electr...
15A YANGJIE-15A Datasheet
146Kb / 2P
   Silicon Rectifier
logo
Zowie Technology Corpor...
1N4001E ZOWIE-1N4001E Datasheet
45Kb / 2P
   SILICON RECTIFIER
logo
Rectron Semiconductor
1N5391 RECTRON-1N5391 Datasheet
22Kb / 2P
   SILICON RECTIFIER
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com