データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3USB3200 データシート(PDF) 10 Page - Texas Instruments

部品番号 TS3USB3200
部品情報  USB 2.0 Applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB3200 データシート(HTML) 10 Page - Texas Instruments

Back Button TS3USB3200_16 Datasheet HTML 6Page - Texas Instruments TS3USB3200_16 Datasheet HTML 7Page - Texas Instruments TS3USB3200_16 Datasheet HTML 8Page - Texas Instruments TS3USB3200_16 Datasheet HTML 9Page - Texas Instruments TS3USB3200_16 Datasheet HTML 10Page - Texas Instruments TS3USB3200_16 Datasheet HTML 11Page - Texas Instruments TS3USB3200_16 Datasheet HTML 12Page - Texas Instruments TS3USB3200_16 Datasheet HTML 13Page - Texas Instruments TS3USB3200_16 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
TS3USB3200
SCDS333B – JUNE 2012 – REVISED JULY 2016
www.ti.com
Product Folder Links: TS3USB3200
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7.4 Device Functional Modes
The TS3USB32000 device can select which power supply pin VCC or VBUS will power the device when voltages
are present on both pins.
(1)
The PSEL pin has 6-MΩ weak pulldown resistor to GND to make its default value to be LOW.
Table 1. Function Table (Power Source)
VCC
VBUS
PSEL(1)
POWER SOURCE
L
L
X
No Power. All I/O in High-Z
L
H
X
VBUS
H
L
X
VCC
H
H
L
VCC
H
H
H
VBUS
(1)
The SEL1 and SEL2 pins have 6-MΩ weak pulldown resistor to GND to make their default value to be
LOW.
Table 2. Function Table (Signal and ID Select)
SEL1(1)
SEL2(1)
CONNECTION
High-Z
L
L
D+/D– to USB+/USB–, ID_COM to ID_USB
MHL+/MHL–, ID_MHL
L
H
D+/D– to USB+/USB–, ID_COM to ID_MHL
MHL+/MHL–, ID_USB
H
L
D+/D– to MHL+/MHL–, ID_COM to ID_USB
USB+/USB–, ID_MHL
H
H
D+/D– to MHL+/MHL–, ID_COM to ID_MHL
USB+/USB–, ID_USB


同様の部品番号 - TS3USB3200_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS3USB3200RSVR TI1-TS3USB3200RSVR Datasheet
2Mb / 21P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch with ID Select and Flexible Power Control
More results

同様の説明 - TS3USB3200_16

メーカー部品番号データシート部品情報
logo
Rosenberger Hochfrequen...
L99-987-800 ROSENBERGER-L99-987-800 Datasheet
880Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MINI USB
logo
Wurth Elektronik GmbH &...
614108247221 WURTH-614108247221 Datasheet
609Kb / 2P
   WR-USB 2.0 HORIZONTAL DUAL-WAY USB 2.0
logo
List of Unclassifed Man...
MC001008 ETC2-MC001008 Datasheet
190Kb / 1P
   USB 2.0 Cable
logo
Glenair, Inc.
963-005 GLENAIR-963-005 Datasheet
204Kb / 1P
   USB 2.0 Cable
logo
Leopard Imaging Inc.
LI-USB20-OV5640-PAR-AF LEOPARD-LI-USB20-OV5640-PAR-AF Datasheet
1Mb / 4P
   USB 2.0 Camera
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MICRO-B
L99-989-800 ROSENBERGER-L99-989-800 Datasheet
725Kb / 2P
   USB 2.0 A MALE TO USB 2.0 TYPE-B
logo
Leopard Imaging Inc.
LI-OV2640-USB-M7 LEOPARD-LI-OV2640-USB-M7 Datasheet
403Kb / 2P
   USB 2.0 Cameras
logo
Molex Electronics Ltd.
987651-7604 MOLEX-987651-7604 Datasheet
1Mb / 3P
   USB 2.0 Modules
2019.02
logo
Leopard Imaging Inc.
LI-OV5648-USB-AF LEOPARD-LI-OV5648-USB-AF Datasheet
409Kb / 2P
   USB 2.0 Camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com