データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75829PE データシート(PDF) 9 Page - ON Semiconductor

部品番号 LC75829PE
部品情報  LCD Display Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75829PE データシート(HTML) 9 Page - ON Semiconductor

Back Button LC75829PE Datasheet HTML 5Page - ON Semiconductor LC75829PE Datasheet HTML 6Page - ON Semiconductor LC75829PE Datasheet HTML 7Page - ON Semiconductor LC75829PE Datasheet HTML 8Page - ON Semiconductor LC75829PE Datasheet HTML 9Page - ON Semiconductor LC75829PE Datasheet HTML 10Page - ON Semiconductor LC75829PE Datasheet HTML 11Page - ON Semiconductor LC75829PE Datasheet HTML 12Page - ON Semiconductor LC75829PE Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LC75829PE, 75829PW
No.A1462-9/22
(2) When CL is stopped at the high level
Note: DD is the direction data.
• CCB address .......... “41H”
• D1 to D208 ............ Display data
• PS10, PS11 ............ General-purpose output port (P1) function setting control data
• EXF ....................... External clock operating frequency setting control data
• P0 to P2 ................. Segment output port/general-purpose output port switching control data
• DT ......................... 1/4-duty 1/3-bias drive or 1/3-duty 1/3-bias drive switching control data
• DN ......................... S52 pin and S53/OSCI pin state setting control data
• FC0 to FC2 ............ Common/segment output waveform frame frequency control data
• OC ......................... Internal oscillator operating mode/external clock operating mode switching control data
• SC .......................... Segment on/off control data
• BU ......................... Normal mode/power-saving mode control data
FC0
SC
B1
B0
D2
D1
0
0
0
0
1
0
D48
D47
DI
CL
CE
B3
B2
A1
A0
A3
A2
1
0
0
D50
D49
D52
D51
0
00
P1
P0
EXF
PS11
DT
P2
DN
BU
0
0
PS10
OC
FC1 FC2
0
B1
B0
0
0
0
0
1
0
D100
D54
D53
B3
B2
A1
A0
A3
A2
1
0
0
0
00
0
01
0
D104
D103
D102
D101
00
0
0
0
0
0
00
00
D99
0
B1
B0
0
0
0
0
1
0
D152
D106
D105
D151
B3
B2
A1
A0
A3
A2
1
0
0
0
000
00
1
00
0
0
0
0
0
0
0
00
0
0
0
0
0
B1
B0
0
0
0
0
1
0
D204
D154
D153
D203
B3
B2
A1
A0
A3
A2
1
0
0
0
000
01
1
00
0
0
0
0
0
D208
D207
D206
D205
D202
D201
D200
D199
Fixed data
18 bits
DD
2 bits
Control data
18 bits
Display data
52 bits
CCB address
8 bits
DD
2 bits
Display data
52 bits
CCB address
8 bits
Fixed data
22 bits
DD
2 bits
Display data
48 bits
CCB address
8 bits
Fixed data
14 bits
DD
2 bits
Display data
56 bits
CCB address
8 bits


同様の部品番号 - LC75829PE

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75829PE SANYO-LC75829PE Datasheet
172Kb / 22P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75829PE-H ONSEMI-LC75829PE-H Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75829PEH-H ONSEMI-LC75829PEH-H Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75829PEH-TLA-H ONSEMI-LC75829PEH-TLA-H Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results

同様の説明 - LC75829PE

メーカー部品番号データシート部品情報
logo
Princeton Technology Co...
PT6522 PTC-PT6522 Datasheet
698Kb / 13P
   LCD Display Driver
logo
ON Semiconductor
LC75890W ONSEMI-LC75890W Datasheet
201Kb / 29P
   LCD Display Driver
November, 2013
logo
Finechips
FD2000 FINECHIPS-FD2000 Datasheet
4Mb / 37P
   LCD Display Driver
logo
ON Semiconductor
LC75879PT ONSEMI-LC75879PT_13 Datasheet
341Kb / 35P
   LCD Display Driver
July, 2013
LC75805PE ONSEMI-LC75805PE Datasheet
295Kb / 34P
   LCD Display Driver with LED Driver
December, 2013
logo
Intersil Corporation
ICM7211AM INTERSIL-ICM7211AM_06 Datasheet
204Kb / 8P
   4-Digit, LCD Display Driver
logo
Sanyo Semicon Device
LC75841PE SANYO-LC75841PE Datasheet
115Kb / 18P
   General-Purpose LCD Display Driver
LC75832E SANYO-LC75832E Datasheet
185Kb / 22P
   General-Purpose LCD Display Driver
logo
ON Semiconductor
EN6473 ONSEMI-EN6473 Datasheet
355Kb / 35P
   General-Purpose LCD Display Driver
July, 2013
logo
Intersil Corporation
ICM7211AMlM44 INTERSIL-ICM7211AMlM44 Datasheet
223Kb / 9P
   4-Digit, LCD Display Driver
October 22, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com