データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75829PW データシート(PDF) 7 Page - ON Semiconductor

部品番号 LC75829PW
部品情報  LCD Display Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75829PW データシート(HTML) 7 Page - ON Semiconductor

Back Button LC75829PW Datasheet HTML 3Page - ON Semiconductor LC75829PW Datasheet HTML 4Page - ON Semiconductor LC75829PW Datasheet HTML 5Page - ON Semiconductor LC75829PW Datasheet HTML 6Page - ON Semiconductor LC75829PW Datasheet HTML 7Page - ON Semiconductor LC75829PW Datasheet HTML 8Page - ON Semiconductor LC75829PW Datasheet HTML 9Page - ON Semiconductor LC75829PW Datasheet HTML 10Page - ON Semiconductor LC75829PW Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LC75829PE, 75829PW
No.A1462-7/22
Pin Functions
Symbol
Pin No.
Function
Active
I/O
Handling
when
unused
S1/P1 to S4/P4
S5 to S50
S52
1 to 4
5 to 50
55
Segment outputs for displaying the display data transferred by serial data input.
The S1/P1 to S4/P4 pins can be used as general-purpose output ports under serial
data control.
-
O
OPEN
COM1 to COM3
COM4/S51
54 to 52
51
Common driver outputs
The frame frequency is fo[Hz].
The COM4/S51 pin can be used as a segment output in 1/3 duty.
-
O
OPEN
S53/OSCI
60
Segment output. This pin can also be used as the external clock input pin when the
external clock operating mode is selected by control data.
-
I/O
OPEN
CE
62
H
I
CL
63
I
GND
DI
64
Serial data transfer inputs. Must be connected to the controller.
CE: Chip enable
CL: Synchronization clock
DI: Transfer data
-
I
INH
61
Display off control input
• INH = low (VSS) ...Display forced off
S1/P1 to S4/P4 = low (VSS)
(These pins are forcibly set to the general-purpose output port
function and held at the VSS level.)
S9 to S50, S52=low (VSS)
COM1 to COM3=low (VSS)
COM4/S51=low (VSS)
S53/OSCI=low (VSS)
(This pin is forcibly set to the segment output port function and
held at the VSS level.)
Stops the internal oscillator.
Inhibits external clock input.
• INH = high (VDD)...Display on
Enables the internal oscillator circuit.
(Internal oscillator operating mode)
Enables external clock input.
(External clock operating mode)
However, serial data transfer is possible when the display is forced off.
L
I
GND
VDD1
57
Used to apply the LCD drive 2/3 bias voltage externally.
-
I
OPEN
VDD2
58
Used to apply the LCD drive 1/3 bias voltage externally.
-
I
OPEN
VDD
56
Power supply pin. A power voltage of 4.5 to 6.0V must be applied to this pin.
-
-
-
VSS
59
Ground pin. Must be connected to ground.
-
-
-


同様の部品番号 - LC75829PW

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75829PW SANYO-LC75829PW Datasheet
172Kb / 22P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75829PW ONSEMI-LC75829PW Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75829PW-H ONSEMI-LC75829PW-H Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75829PWH-H ONSEMI-LC75829PWH-H Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results

同様の説明 - LC75829PW

メーカー部品番号データシート部品情報
logo
Princeton Technology Co...
PT6522 PTC-PT6522 Datasheet
698Kb / 13P
   LCD Display Driver
logo
ON Semiconductor
LC75890W ONSEMI-LC75890W Datasheet
201Kb / 29P
   LCD Display Driver
November, 2013
logo
Finechips
FD2000 FINECHIPS-FD2000 Datasheet
4Mb / 37P
   LCD Display Driver
logo
ON Semiconductor
LC75879PT ONSEMI-LC75879PT_13 Datasheet
341Kb / 35P
   LCD Display Driver
July, 2013
LC75805PE ONSEMI-LC75805PE Datasheet
295Kb / 34P
   LCD Display Driver with LED Driver
December, 2013
logo
Intersil Corporation
ICM7211AM INTERSIL-ICM7211AM_06 Datasheet
204Kb / 8P
   4-Digit, LCD Display Driver
logo
Sanyo Semicon Device
LC75841PE SANYO-LC75841PE Datasheet
115Kb / 18P
   General-Purpose LCD Display Driver
LC75832E SANYO-LC75832E Datasheet
185Kb / 22P
   General-Purpose LCD Display Driver
logo
ON Semiconductor
EN6473 ONSEMI-EN6473 Datasheet
355Kb / 35P
   General-Purpose LCD Display Driver
July, 2013
logo
Intersil Corporation
ICM7211AMlM44 INTERSIL-ICM7211AMlM44 Datasheet
223Kb / 9P
   4-Digit, LCD Display Driver
October 22, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com