データシートサーチシステム |
|
MC10EP33 データシート(PDF) 3 Page - ON Semiconductor |
|
MC10EP33 データシート(HTML) 3 Page - ON Semiconductor |
3 / 12 page MC10EP33, MC100EP33 http://onsemi.com 3 MAXIMUM RATINGS (Note 2) Symbol Parameter Condition 1 Condition 2 Rating Units VCC PECL Mode Power Supply VEE = 0 V 6 V VEE NECL Mode Power Supply VCC = 0 V –6 V VI PECL Mode Input Voltage VEE = 0 V VI VCC 6 V VI PECL Mode In ut Voltage NECL Mode Input Voltage VEE = 0 V VCC = 0 V VI VCC VI VEE 6 –6 V V Iout Output Current Continuous Surge 50 100 mA mA IBB VBB Sink/Source ± 0.5 mA TA Operating Temperature Range –40 to +85 °C Tstg Storage Temperature Range –65 to +150 °C qJA Thermal Resistance (Junction–to–Ambient) 0 LFPM 500 LFPM 8 SOIC 8 SOIC 190 130 °C/W °C/W qJC Thermal Resistance (Junction–to–Case) std bd 8 SOIC 41 to 44 °C/W qJA Thermal Resistance (Junction–to–Ambient) 0 LFPM 500 LFPM 8 TSSOP 8 TSSOP 185 140 °C/W °C/W qJC Thermal Resistance (Junction–to–Case) std bd 8 TSSOP 41 to 44 °C/W Tsol Wave Solder <2 to 3 sec @ 248 °C 265 °C 2. Maximum Ratings are those values beyond which device damage may occur. 10EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 3) –40 °C 25 °C 85 °C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 18 26 34 18 26 34 18 26 34 mA VOH Output HIGH Voltage (Note 4) 2165 2290 2415 2230 2355 2480 2290 2415 2540 mV VOL Output LOW Voltage (Note 4) 1365 1490 1615 1430 1555 1680 1490 1615 1740 mV VIH Input HIGH Voltage (Single–Ended) 2090 2415 2155 2480 2215 2540 mV VIL Input LOW Voltage (Single–Ended) 1365 1690 1430 1755 1490 1815 mV VBB Output Voltage Reference 1790 1890 1990 1855 1955 2055 1915 2015 2115 mV VIHCMR Input HIGH Voltage Common Mode Range (Differential) (Note 5) 2.0 3.3 2.0 3.3 2.0 3.3 V IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.5 mA NOTE: EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained. 3. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to –2.2 V. 4. All loading with 50 W to VCC–2.0 volts. 5. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. |
同様の部品番号 - MC10EP33 |
|
同様の説明 - MC10EP33 |