データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1253A データシート(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1253A
部品情報  Monolithic Triple 180 MHz I2C CRT Pre-amp With Integrated Analog On Screen Display (OSD) Generator
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1253A データシート(HTML) 9 Page - National Semiconductor (TI)

Back Button LM1253A Datasheet HTML 5Page - National Semiconductor (TI) LM1253A Datasheet HTML 6Page - National Semiconductor (TI) LM1253A Datasheet HTML 7Page - National Semiconductor (TI) LM1253A Datasheet HTML 8Page - National Semiconductor (TI) LM1253A Datasheet HTML 9Page - National Semiconductor (TI) LM1253A Datasheet HTML 10Page - National Semiconductor (TI) LM1253A Datasheet HTML 11Page - National Semiconductor (TI) LM1253A Datasheet HTML 12Page - National Semiconductor (TI) LM1253A Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
Pin Descriptions (Continued)
as the DC clamp control capacitors. A value of 0.0047 µF is
used in the demo boards. The schematic shown in
Figure 29
which has a series resistance of 33
Ω and clamp diodes to
V
CC and ground should be used to protect the LM1253A
from ESD. A good ground should be between the input con-
nector and the LM1253A. The video traces should be kept
short.
Figure 29 shows the external schematic of pins 4, 5,
and 6,
Figure 14 shows the internal schematic of pins 4, 5,
and 6.
Pin 7 — Analog Ground Ground for the video section of the
LM1253A. All ground pins of the LM1253A should be con-
nected together by a ground plane under the LM1253A. See
Figure 31, which shows a sample layout.
Pin 8 — Analog Supply 5V supply for the video section of
the preamp. A 0.1 µF capacitor should be connected be-
tween pin 7 and pin 8, as close as possible to the LM1253A.
A 100 µF capacitor should also be connected between pin 7
and pin 8.
Pin 9 — Analog Supply 5V supply for the PLL section of the
LM1253A. A 0.1 µF capacitor should be connected between
pin 9 and pin 7, as close as possible to the LM1253A.
Pin 10 — PLL Ground Ground for the PLL section of the
LM1253A. Only the PLL components connected to pin 11
should be connected to this ground pin. Pin 10 should also
be connected to the ground plane under the LM1253A. All
ground pins of the LM1253A should be connected together
by a ground plane under the LM1253A. See
Figure 31, which
shows a sample layout.
Pin 11 — PLL C A resistor capacitor network is connected to
this pin. It is used to convert the charge current of the charge
pump of the PLL into a voltage that is used to control the
variable oscillator. These components should be located
very close to the LM1253A with a short ground trace to pin
10.
The recommended values are R28 = 6.2 k
Ω, C23 = 0.1 µF,
and C33 = 2.2 nF. When these component values are used
the range and gain values in
Table 12 can be loaded into
register 843Eh.
An example layout is shown in
Figure 31, Figure 29 shows
the external schematic of pin 11,
Figure 15 shows the inter-
nal schematic.
Pin 12 — ABL The Auto Beam Limit control reduces the gain
of the video amplifiers in response to a control voltage pro-
portional to the CRT beam current. The ABL acts on all three
channels in an identical manner. This is required for CRT life
and X-ray protection. The beam current limit circuit applica-
tion is as shown in
Figure 7: when no current is being drawn
by the EHT supply, current flows from the supply rail through
the ABL resistor and into the ABL input of the IC. The IC
clamps the input voltage to a low impedance voltage source
(the 5V supply rail).
When current is drawn from the EHT supply, the current
passes through the ABL resistor, and reduces the current
flowing into the ABL input of the IC.
When the EHT current is high enough, the current flowing
into the ABL input of the IC drops to zero. This current level
determines the ABL threshold and is given by:
Where:
V
S is the external supply (usually the CRT driver supply rail,
about 80V)
V
ABL TH is the threshold ABL voltage of the IC
R
ABL is the ABL resistor value
I
ABL is the ABL limit
When the voltage on the ABL input drops below the ABL
threshold of the pre-amp, the gain of the pre-amp decreases,
which is shown in
Figure 8, which reduces the beam current.
A feedback loop is thus established which acts to prevent the
average beam current exceeding I
ABL.
Figure 29 shows the external schematic of pin 12, Figure 16
shows the internal schematic.
DS101265-12
FIGURE 7. ABL
www.national.com
9


同様の部品番号 - LM1253A

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM125 NSC-LM125 Datasheet
452Kb / 8P
   VOLTAGE REGULATORS
LM125AN NSC-LM125AN Datasheet
452Kb / 8P
   VOLTAGE REGULATORS
LM125H NSC-LM125H Datasheet
452Kb / 8P
   VOLTAGE REGULATORS
More results

同様の説明 - LM1253A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SAA5288 PHILIPS-SAA5288 Datasheet
508Kb / 48P
   TV microcontroller with full screen On Screen Display OSD
1997 Jun 24
logo
National Semiconductor ...
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
   140 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
   85 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
NXP Semiconductors
SAA56XX PHILIPS-SAA56XX Datasheet
450Kb / 112P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
SAA567X PHILIPS-SAA567X Datasheet
532Kb / 116P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
logo
National Semiconductor ...
LM1282 NSC-LM1282 Datasheet
488Kb / 14P
   110 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
NXP Semiconductors
SAA5520 PHILIPS-SAA5520 Datasheet
340Kb / 80P
   Standard TV Microcontrollers with On-Screen Display(OSD)
1999 Oct 27
logo
Texas Instruments
TLS1255 TI1-TLS1255 Datasheet
139Kb / 7P
[Old version datasheet]   VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
logo
List of Unclassifed Man...
NT6828 ETC-NT6828 Datasheet
1Mb / 31P
   I2C Bus Controlled On-Screen Display
logo
NXP Semiconductors
SAA55XX PHILIPS-SAA55XX Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com