データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1253A データシート(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM1253A
部品情報  Monolithic Triple 180 MHz I2C CRT Pre-amp With Integrated Analog On Screen Display (OSD) Generator
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1253A データシート(HTML) 11 Page - National Semiconductor (TI)

Back Button LM1253A Datasheet HTML 7Page - National Semiconductor (TI) LM1253A Datasheet HTML 8Page - National Semiconductor (TI) LM1253A Datasheet HTML 9Page - National Semiconductor (TI) LM1253A Datasheet HTML 10Page - National Semiconductor (TI) LM1253A Datasheet HTML 11Page - National Semiconductor (TI) LM1253A Datasheet HTML 12Page - National Semiconductor (TI) LM1253A Datasheet HTML 13Page - National Semiconductor (TI) LM1253A Datasheet HTML 14Page - National Semiconductor (TI) LM1253A Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
Pin Descriptions (Continued)
R
LIMITH is set to limit the input current into the IC to a maxi-
mum value of +1 mA during flyback and −150 µA during nor-
mal forward scan. For example if an h flyback with a peak of
100V is used, R
LIMITH = 100 kΩ.The internal input imped-
ance of pin 14 is low to limit the maximum voltage swing at
the input to within the supply rail and ground. The IC inter-
face circuit creates a digital signal from this waveform, which
is used as the blanking signal, and termed HBLANK. This
signal is used by the video amplifier for blanking the video
and by the OSD generator as the horizontal sync reference
for the PLL.
Loss of the horizontal flyback pulse implies that the monitor
is not scanning, and therefore no image is being displayed.
The HBLANK pulse is still required by the LM2453 CRT
driver in order to maintain correct bias conditions in the CRT
until the power supplies are switched off, but video will be set
at black level to prevent front of screen problems, using the
NO_VID line. See also the
Loss of Horizontal Flyback sec-
tion.
Figure 29 shows the external schematic of pin 14, Figure 18
shows the internal schematic.
Pin 15 — V Flyback This is an analog signal from the moni-
tor vertical scan. The analog waveform is AC coupled and
fed to the input of the IC via a current limiting resistor to pre-
vent the positive and negative excursions of the signal caus-
ing excessive current or voltage swing at the input to the IC.
See
Figure 10.
R
LIMITV is set to limit the maximum input voltage swing into
the IC to less than the supply rails. The input to the IC is
positive edge triggered, and ignores the falling edge. Be-
cause of horizontal rate noise on the waveform, the input
buffer incorporates hysteresis, triggering at a positive going
threshold of V
VTH+ and a negative going threshold of VVTH.
The input buffer produces a digital signal VSTART which is
used to start the VBLANK timer. The positive rising edge of
VSTART sets a counter timer, which counts horizontal peri-
ods using the HBLANK signal. The timer resets VBLANK
when it reaches the value preset in the register VCOUNT
(set by the micro-controller over I
2C). While the output
VBLANK is active, an AND function prevents any further
transitions on the VSTART waveform from retriggering the
counter.
The positive edge of the VSTART signal is initially transmit-
ted through to VBLANK through an OR function, as the timer
may take up to one horizontal line period to begin timing the
duration of the pulse. The application must ensure that the
DS101265-13
FIGURE 9. H Flyback Input Pulse
www.national.com
11


同様の部品番号 - LM1253A

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM125 NSC-LM125 Datasheet
452Kb / 8P
   VOLTAGE REGULATORS
LM125AN NSC-LM125AN Datasheet
452Kb / 8P
   VOLTAGE REGULATORS
LM125H NSC-LM125H Datasheet
452Kb / 8P
   VOLTAGE REGULATORS
More results

同様の説明 - LM1253A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SAA5288 PHILIPS-SAA5288 Datasheet
508Kb / 48P
   TV microcontroller with full screen On Screen Display OSD
1997 Jun 24
logo
National Semiconductor ...
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
   140 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
   85 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
NXP Semiconductors
SAA56XX PHILIPS-SAA56XX Datasheet
450Kb / 112P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
SAA567X PHILIPS-SAA567X Datasheet
532Kb / 116P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
logo
National Semiconductor ...
LM1282 NSC-LM1282 Datasheet
488Kb / 14P
   110 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
NXP Semiconductors
SAA5520 PHILIPS-SAA5520 Datasheet
340Kb / 80P
   Standard TV Microcontrollers with On-Screen Display(OSD)
1999 Oct 27
logo
Texas Instruments
TLS1255 TI1-TLS1255 Datasheet
139Kb / 7P
[Old version datasheet]   VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
logo
List of Unclassifed Man...
NT6828 ETC-NT6828 Datasheet
1Mb / 31P
   I2C Bus Controlled On-Screen Display
logo
NXP Semiconductors
SAA55XX PHILIPS-SAA55XX Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com