データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC2046 データシート(PDF) 7 Page - Texas Instruments

部品番号 TSC2046
部品情報  Low-Voltage I/O TOUCH SCREEN CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2046 データシート(HTML) 7 Page - Texas Instruments

Back Button TSC2046_16 Datasheet HTML 3Page - Texas Instruments TSC2046_16 Datasheet HTML 4Page - Texas Instruments TSC2046_16 Datasheet HTML 5Page - Texas Instruments TSC2046_16 Datasheet HTML 6Page - Texas Instruments TSC2046_16 Datasheet HTML 7Page - Texas Instruments TSC2046_16 Datasheet HTML 8Page - Texas Instruments TSC2046_16 Datasheet HTML 9Page - Texas Instruments TSC2046_16 Datasheet HTML 10Page - Texas Instruments TSC2046_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TSC2046
SBAS265G − OCTOBER 2002 − REVISED JANUARY 2008
www.ti.com
7
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, +VCC = +2.7V, IOVDD = +1.8V, VREF = External +2.5V, 12-bit mode, PD0 = 0, fSAMPLE = 125kHz, and fCLK = 16 • fSAMPLE = 2MHz,
unless otherwise noted.
CHANGE IN GAIN vs TEMPERATURE
−40
−20
0
20
406080
100
0.15
0.10
0.05
0
−0.05
−0.10
−0.15
Temperature (
°C)
CHANGE IN OFFSET vs TEMPERATURE
−40
−20
0
20
40
60
80
100
0.6
0.4
0.2
0
−0.2
−0.4
−0.6
Temperature (
°C)
REFERENCE CURRENT vs SAMPLE RATE
0
255075
100
125
Sample Rate (kHz)
14
12
10
8
6
4
2
0
Temperature (
°C)
REFERENCE CURRENT vs TEMPERATURE
−40
−20
0
204060
80
100
18
16
14
12
10
8
6
SWITCH ON− RESISTANCE vs +V
CC
(X+, Y+: +V
CC to Pin; X−,Y−: Pin to GND)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
+V
CC (V)
8
7
6
5
4
3
Y
X
X+, Y+
SWITCH ON−RESISTANCE vs TEMPERATURE
(X+, Y+: +V
CC to Pin; X−,Y−: Pin to GND)
−40
−20
0
20
40
60
80
100
8
7
6
5
4
3
2
1
Y
X
X+, Y+
Temperature (
°C)


同様の部品番号 - TSC2046_16

メーカー部品番号データシート部品情報
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S1 FUMAN-TSC2046S1 Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
More results

同様の説明 - TSC2046_16

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
AiT Semiconductor Inc.
A8946 AITSEMI-A8946 Datasheet
753Kb / 24P
   TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE
REV1.3
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com