データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC2046IRGVR データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TSC2046IRGVR
部品情報  Low-Voltage I/O TOUCH SCREEN CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2046IRGVR データシート(HTML) 5 Page - Texas Instruments

  TSC2046IRGVR Datasheet HTML 1Page - Texas Instruments TSC2046IRGVR Datasheet HTML 2Page - Texas Instruments TSC2046IRGVR Datasheet HTML 3Page - Texas Instruments TSC2046IRGVR Datasheet HTML 4Page - Texas Instruments TSC2046IRGVR Datasheet HTML 5Page - Texas Instruments TSC2046IRGVR Datasheet HTML 6Page - Texas Instruments TSC2046IRGVR Datasheet HTML 7Page - Texas Instruments TSC2046IRGVR Datasheet HTML 8Page - Texas Instruments TSC2046IRGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TSC2046
SBAS265G − OCTOBER 2002 − REVISED JANUARY 2008
www.ti.com
5
PIN CONFIGURATION
Top View
1
2
3
4
5
6
7
8
+V
CC
X+
Y+
X
Y
GND
V
BAT
AUX
DCLK
CS
DIN
BUSY
DOUT
PENIRQ
IOVDD
V
REF
16
15
14
13
12
11
10
9
TSC2046
Top View
QFN
TSSOP
Top View
VFBGA
NC
NC
A
B
C
D
E
F
G
2
1
3
4
5
6
7
DCLK
+V
CC
+V
CC
X+
Y+
PENIRQ
IOVDD
V
REF
AUX
CS
DIN
BUSY DOUT
X
Y
GND
GND
V
BAT
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
BUSY
DIN
CS
DCLK
AUX
V
BAT
GND
Y
1
2
3
4
12
11
10
9
TSC2046
(1) The thermal pad is internally connected to the substrate. This pad can be connected to the analog ground or left floating. Keep the thermal
pad separate from the digital ground, if possible.
(Thermal Pad)(1)
PIN DESCRIPTION
TSSOP PIN #
VFBGA PIN #
QFN PIN #
NAME
DESCRIPTION
1
B1 and C1
5
+VCC
Power Supply
2
D1
6
X+
X+ Position Input
3
E1
7
Y+
Y+ Position Input
4
G2
8
X−
X− Position Input
5
G3
9
Y−
Y− Position Input
6
G4 and G5
10
GND
Ground
7
G6
11
VBAT
Battery Monitor Input
8
E7
12
AUX
Auxiliary Input to ADC
9
D7
13
VREF
Voltage Reference Input/Output
10
C7
14
IOVDD
Digital I/O Power Supply
11
B7
15
PENIRQ
Pen Interrupt
12
A6
16
DOUT
Serial Data Output. Data are shifted on the falling edge of DCLK. This output is high
impedance when CS is high.
13
A5
1
BUSY
Busy Output. This output is high impedance when CS is high.
14
A4
2
DIN
Serial Data Input. If CS is low, data are latched on the rising edge of DCLK.
15
A3
3
CS
Chip Select Input. Controls conversion timing and enables the serial input/output register.
CS high = power-down mode (ADC only).
16
A2
4
DCLK
External Clock Input. This clock runs the SAR conversion process and synchronizes serial
data I/O.


同様の部品番号 - TSC2046IRGVR

メーカー部品番号データシート部品情報
logo
Burr-Brown (TI)
TSC2046IRGVR BURR-BROWN-TSC2046IRGVR Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046IRGVRG4 BURR-BROWN-TSC2046IRGVRG4 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
More results

同様の説明 - TSC2046IRGVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TSC2046E-Q1 TI1-TSC2046E-Q1 Datasheet
803Kb / 28P
[Old version datasheet]   LOW-VOLTAGE I/O TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
TSC2046 BURR-BROWN-TSC2046 Datasheet
554Kb / 23P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
TSC2046E BURR-BROWN-TSC2046E_07 Datasheet
645Kb / 30P
   Low Voltage I/O TOUCH SCREEN CONTROLLER
logo
SHENZHEN FUMAN ELECTRON...
TSC2046S FUMAN-TSC2046S Datasheet
611Kb / 21P
   Low Voltage I/O Touch Screen Controller
logo
AiT Semiconductor Inc.
A8946 AITSEMI-A8946 Datasheet
753Kb / 24P
   TOUCH SCREEN DRIVER 4-WIRE RESISTANCE, LOW-VOLTAGE I/O INTERFACE
REV1.3
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com