データシートサーチシステム |
|
TSC2046EIPWRG4 データシート(PDF) 9 Page - Texas Instruments |
|
|
TSC2046EIPWRG4 データシート(HTML) 9 Page - Texas Instruments |
9 / 32 page TSC2046 SBAS265G − OCTOBER 2002 − REVISED JANUARY 2008 www.ti.com 9 TYPICAL CHARACTERISTICS (continued) At TA = +25°C, +VCC = +2.7V, IOVDD = +1.8V, VREF = External +2.5V, 12-bit mode, PD0 = 0, fSAMPLE = 125kHz, and fCLK = 16 • fSAMPLE = 2MHz, unless otherwise noted. TEMP1 DIODE VOLTAGE vs +V CC 2.7 3.0 3.3 +V CC (V) 720 718 716 714 712 710 THEORY OF OPERATION The TSC2046 is a classic successive approximation register (SAR) analog-to-digital converter (ADC). The architecture is based on capacitive redistribution, which inherently includes a sample-and-hold function. The converter is fabricated on a 0.6 µm CMOS process. The basic operation of the TSC2046 is shown in Figure 1. The device features an internal 2.5V reference and uses an external clock. Operation is maintained from a single supply of 2.7V to 5.25V. The internal reference can be overdriven with an external, low-impedance source between 1V and +VCC. The value of the reference voltage directly sets the input range of the converter. The analog input (X-, Y-, and Z-Position coordinates, auxiliary input, battery voltage, and chip temperature) to the converter is provided via a multiplexer. A unique configuration of low on-resistance touch panel driver switches allows an unselected ADC input channel to provide power and the accompanying pin to provide ground for an external device, such as a touch screen. By maintaining a differential input to the converter and a differential reference architecture, it is possible to negate the error from each touch panel driver switch on-resistance (if this is a source of error for the particular measurement). +V CC +V CC X+ Y+ X − Y − V BAT AUX B1 C1 D1 E1 G2 G3 G6 E7 G4 G5 A2 A3 A4 A5 A6 B7 C7 D7 DCLK CS DIN BUSY DOUT PENIRQ IOVDD V REF Serial/Conversion Clock Chip Select Serial Data In Converter Status Serial Data Out + 1 ∝F to 10 ∝F (Optional) +2.7V to +5V TSC2046 Auxiliary Input To Battery Voltage Regulator Touch Screen 0.1 ∝F Pen Interrupt GND GND NOTE: VFBGA package and pin names shown. Figure 1. Basic Operation of the TSC2046 |
同様の部品番号 - TSC2046EIPWRG4 |
|
同様の説明 - TSC2046EIPWRG4 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |